Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 2 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 2 Page - ams AG

  AS3525 Datasheet HTML 1Page - ams AG AS3525 Datasheet HTML 2Page - ams AG AS3525 Datasheet HTML 3Page - ams AG AS3525 Datasheet HTML 4Page - ams AG AS3525 Datasheet HTML 5Page - ams AG AS3525 Datasheet HTML 6Page - ams AG AS3525 Datasheet HTML 7Page - ams AG AS3525 Datasheet HTML 8Page - ams AG AS3525 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
2
- 194
MS / MS Pro Interface
•
Dedicated dual port buffer RAM
Display Interface
•
Serial and parallel controller supported
•
On chip hardware acceleration
Synchronous Serial Interface
•
Master and slave operation
•
8 and 16 bit support
•
Several protocol standards supported
I2S Interface
•
Input multiplexed with audio subsystem
•
selectable SPDIF input conversion
•
Dedicated dual port buffer RAM
2 Wire Serial Control Interface
•
Master and slave operation
•
Standard and fast mode support
General Purpose IO Interface
•
4x 8-bit ports
2.2
Audio
Multi-bit Sigma Delta Converters
•
DAC: 18bit with 94dB SNR (‘A’ weighted)
•
ADC: 14bit with 82dB SNR (‘A’ weighted)
•
Sampling Frequency: 8-48kHz
•
32 gain steps @ 1.5dB and MUTE
2 Line Inputs
•
stereo, 2x mono or mono differential inputs
•
32 gain steps @ 1.5dB and MUTE
2 Microphone Inputs
•
differential inputs
•
3 gain pre-sets (28/34/40 dB) and OFF with AGC
•
32 gain steps @ 1.5dB and MUTE
•
microphone detection with about 50uA
•
supply for electret microphone max 1mA
•
remote control by switch
Line Output
•
max 1Vp @ 10k
Ω in single ended stereo mode
•
>32
Ω in mono differential mode to drive ear-pieces
•
32 gain steps @ 1.5dB and MUTE
Stereo Headphone Audio Amplifier
•
2x 60mW @ 16
Ω driver capacity
•
32 gain steps @ 1.5dB and MUTE
•
Click- and pop-less start-up and power down
•
Headphone and over-current detection
•
Phantom ground eliminates large capacitors
Stereo Speaker Audio Amplifier
•
2x 500mW @ 4
Ω driver capacity
•
32 gain steps @ 1.5dB and MUTE
•
Click- and pop-less start-up and power down
•
Over-current detection
10 Channel Audio Mixer
•
mixes Line inputs, Mic inputs and DAC output
•
separate selectable source for right and left channel
•
possibility to select AGC to prevent clipping
2.3
Power Management
Voltage Generation
•
step up for system supply (3.0V-3.6V, 150mA)
•
charge-pump for CPUcore (1.05V-1.2V, 50mA)
•
charge pump for USB OTG (5V, 10mA)
•
LDO for digital supply (2.9V, 200mA)
•
LDO for analog supply (2.9V, 200mA)
•
LDO for IO supply (2.94 or 3.11V, 200mA)
•
LDO for peripherals (1.7V-3.3V, 200mA)
•
LDO for USB Transceiver (3.26V, 200mA)
•
LDO for RTC (1.0V-2.5V, 2mA)
15V Back-light step up converter
•
for driving up to 6 white LEDs in series to achieve a
uniform illumination
•
current programmable up to 40mA (1.25mA steps)
Li-Io Battery Charger
•
automatic 50mA trickle charging
•
prog. constant current charging (50 – 400mA)
•
prog. constant voltage charging (3.9 - 4.25V)
2.4
System
RTC
•
ultra low power 32kHz oscillator
•
32bit RTC second counter
•
selectable alarm (seconds or minutes)
•
trim able oscillator
Oscillator
•
low power 12-24MHz Oscillator
•
generating main system clock
Supervisor
•
automatic battery monitoring with interrupt generation
and selectable warning level
•
automatic temperature supervision with interrupt
generation and selectable warning and shutdown
levels
General Purpose ADC
•
10bit resolution
•
16 inputs analog multiplexer
UID
•
Unique Identification Number in OTP ROM for DRM
support
General
•
Reset pin, watchdog
•
10sec emergency shut-down
•
Wide battery supply range 1V – 5.5V
•
MP3 playback with 58mW
Packages:
•
AS3525-A: CTBGA224 13x13mm, 0.8mm pitch
•
AS3525-B: CTBGA144 10x10mm, 0.8mm pitch
3
Application
•
Portable Digital Audio Player and Recorder
•
Portable Digital Media Player
•
PDA
•
Smartphone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com