Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 42 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 42 Page - ams AG

Back Button AS3525 Datasheet HTML 38Page - ams AG AS3525 Datasheet HTML 39Page - ams AG AS3525 Datasheet HTML 40Page - ams AG AS3525 Datasheet HTML 41Page - ams AG AS3525 Datasheet HTML 42Page - ams AG AS3525 Datasheet HTML 43Page - ams AG AS3525 Datasheet HTML 44Page - ams AG AS3525 Datasheet HTML 45Page - ams AG AS3525 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
42
- 194
Load register, Timer1Load, Timer2Load
This is a 32-bit register containing the value from which the counter is to decrement. This is the value used to reload the counter when periodic
mode is enabled, and the current count reaches zero.
When this register is written to directly, the current count is immediately reset to the new value at the next rising edge of TIMCLK which is enabled
by TIMCLKEN.
The value in this register is also overwritten if the TimerXBGLoad register is written to, but the current count is not immediately affected.
If values are written to both the timerXLoad and TimerXBGLoad registers before an enabled rising edge on TIMCLK, the following occurs:
•
On the next enabled TIMCLK edge the value written to the TimerXLoad value replaces the current count value
•
Following this, eacht time the counter reaches zero, the current count value is reset to the value written to TimerXBGLoad.
Reading from the TimerXLoad register at any time after the two writes have occurred will retrieve the value written to TimerXBGLoad. That is, the
value read from TimerXLoad is always the value which will take effect for periodic mode after the next time the counter reaches zero.
Current value register, Timer1Value, Timer2Value
This register gives the current value of the decrementing counter.
Timer control register
Table 19 Timer control register
Name
Base
Default
Timer1Control, Timer2Control
AS3525_TIMER_BASE
0x20
Timer Control Register
Offset: 0x08, 0x28
Contains control bits of the PLLA register.
Bit
Bit Name
Default
Access
Bit Description
7
Timer Enable
0
R/W
Enable bit:
0: timer disabled (default)
1: timer enabled
6
Timer Mode
0
R/W
Mode bit
0: timer is in free-running mode (default)
1: timer is in periodic mode
5
Interrupt Enable
1
R/W
Interrupt enable bit
0: timer interrupt disabled
1: timer interrupt enabled (default)
4
RESERVED
Reserved bit, do not modify, and ignore on read
3:2
TimerPre
00
R/W
Prescale bits:
00: no prescale, clock is divided by 1 (default)
01: 4 stages of prescale, clock is divided by 16
10: 8 stages of prescale, clock is divided by 256
11: undefined, do not use
1
Timer Size
0
R/W
Selects 16/32 bit counter operation
0: 16 bit counter (default)
1: 32 bit counter
0
OneShotCount
0
R/W
Selects one-shot or wrapping counter mode
0: wrapping mode (default)
1: one-shot mode
Interrupt clear register, Timer1IntClr, Timer2IntClr
Any write to this register will clear the interrupt output from the counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com