Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 16 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 16 Page - ams AG

Back Button AS3525 Datasheet HTML 12Page - ams AG AS3525 Datasheet HTML 13Page - ams AG AS3525 Datasheet HTML 14Page - ams AG AS3525 Datasheet HTML 15Page - ams AG AS3525 Datasheet HTML 16Page - ams AG AS3525 Datasheet HTML 17Page - ams AG AS3525 Datasheet HTML 18Page - ams AG AS3525 Datasheet HTML 19Page - ams AG AS3525 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
16
- 194
Symbol
Parameter
Notes
Min
Typ
Max
Unit
MIC Input to ADC Output
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
74
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS 1kHz
input
73
dB
THD
Total Harmonic Distortion
1kHz 53mVRMS (FS) input
-61
dB
Line Input to ADC Output
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
83
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS 1kHz
input
82
dB
THD
Total Harmonic Distortion
1kHz, 1VRMS, -3dB FS input
-62
dB
BVDD = 3.3V, TA= 25oC, fs=48kHz, RL= 10k
Ω unless otherwise mentioned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com