Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 62 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 62 Page - ams AG

Back Button AS3525 Datasheet HTML 58Page - ams AG AS3525 Datasheet HTML 59Page - ams AG AS3525 Datasheet HTML 60Page - ams AG AS3525 Datasheet HTML 61Page - ams AG AS3525 Datasheet HTML 62Page - ams AG AS3525 Datasheet HTML 63Page - ams AG AS3525 Datasheet HTML 64Page - ams AG AS3525 Datasheet HTML 65Page - ams AG AS3525 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
62
- 194
Table 46 I2S input status register
Name
Base
Default
I2SIN_STATUS
AS3525_I2SIN_BASE
0x00
Status register
Offset: 0x000C
The status register is a read-only register. A read to this register returns the value
of the raw status bits AND’ed with the corresponding mask of enable bits set in the
mask register.
Bit
Bit Name
Default
Access
Bit Description
7
stereo24_status
0
R
Status of write interface for 24 bit stereo mode
0: left audio sample will be transferred next
1: right audio sample will be transferred next
6
I2SIN_PUER
0
R
1 if FIFO PUSH error
5
I2SIN_POE
0
R
1 if FIFO POP is empty
4
I2SIN_POAE
0
R
1 if FIFO POP is almost empty
3
I2SIN_POHF
0
R
1 if FIFO POP is half full
2
I2SIN_POAF
0
R
1 if FIFO POP is almost full
1
I2SIN_POF
0
R
1 if FIFO POP is full
0
I2SIN_POER
0
R
1 if FIFO POP error
Table 47 I2S Input interrupt clear register
Name
Base
Default
I2SIN_CLEAR
AS3525_I2SIN_BASE
0x00
Interrupt clear register
Offset: 0x0010
The interrupt clear register is a write-only register. The corresponding static status
bit can be cleared by writing a 1 to the corresponding bit in the clear register. All
other interrupt flags are level interrupts depending on the status of the FIFO. The
bits are de-asserted depending on the FIFO controller.
Bit
Bit Name
Default
Access
Bit Description
7
reserved
W
6
I2SIN_clear_puer
W
Clear PUSH error interrupt flag
5:1
reserved
W
0
I2SIN_clear_poer
W
Clear POP error interrupt flag
I2SIN_DATA
The I2SINIF provides a single 32 bit wide data register. The register is used to read the audio samples from FIFO. If 14 bit mode is selected, both
the left and right data are made available in the same register. Otherwise in the 24 bit mode the left and right data are provided through the same
register alternatively. The stereo24_status bit in the I2SIN_STATUS register provides information which channel’s data will be provided next. The
14bit_mode bit in the I2SIN_CONTROL register defines how the values are read from the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com