Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 76 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 76 Page - ams AG

Back Button AS3525 Datasheet HTML 72Page - ams AG AS3525 Datasheet HTML 73Page - ams AG AS3525 Datasheet HTML 74Page - ams AG AS3525 Datasheet HTML 75Page - ams AG AS3525 Datasheet HTML 76Page - ams AG AS3525 Datasheet HTML 77Page - ams AG AS3525 Datasheet HTML 78Page - ams AG AS3525 Datasheet HTML 79Page - ams AG AS3525 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
76
- 194
Table 58 NAF error correction register
Name
Base
Default
NAFEcc
AS3525_NAND_FLASH_BASE
0x2
NAF Error correction code register
Offset 0x0008
The NAFEcc register offers access to the error correction code registers.
Bit
Bit Name
Default
Access
Bit Description
32:0
Nafecc [32:0]
0x0001
R
This register can be accessed up to 8 times and contains the
following data:
1.access => Line Parity Block1
2.access => Column Parity Block1**
3.access => Line Parity Block2
4.access => Column Parity Block2**
5.access => Line Parity Block3
6.access => Column Parity Block3**
7.access => Line Parity Block4
8.access => Column Parity Block4**
(9.access => same as 1.access)
Note: * Before access to NAFEcc registers is possible, NAFMode register has to be set to 0xd4 (after page write operation) or
to 0x54 (after page read operation). NAFEcc register contents will be cleared if NAFMode register bits 6 and 5 are both ‘1’.
** Only bits 11 to 0 are relevant for column parity, other bits are ‘0’;
The content of NAFEcc depends on the device type.
X8 (8-bit data bus) devices:
Line Parity Block1
: will contain the line
parity of byte 1 to 512 (after 512 r/w cycles)
Column Parity Block1 : will contain the column
parity of byte 1 to 512 (after 512 r/w cycles)
Line Parity Block2
: will contain the line
parity of byte 513 to 1024 (after 1024 r/w cycles)
Column Parity Block2 : will contain the column
parity of byte 513 to 1024 (after 1024 r/w cycles)
Line Parity Block3
: will contain the line
parity of byte 1025 to 1536 (after 1536 r/w cycles)
Column Parity Block3 : will contain the column
parity of byte 1025 to 1536 (after 1536 r/w cycles)
Line Parity Block4
: will contain the line
parity of byte 1537 to 2048 (after 2048 r/w cycles)
Column Parity Block4 : will contain the column
parity of byte 1537 to 2048 (after 2048 r/w cycles)
X16 (16-bit data bus) devices:
Line Parity Block1
: will contain the line
parity of halfword(7:0) 1 to 512 (after 512 r/w cycles)
Column Parity Block1 : will contain the column
parity of halfword(7:0) 1 to 512 (after 512 r/w cycles)
Line Parity Block2
: will contain the line
parity of halfword(15:8) 1 to 512 (after 512 r/w cycles)
Column Parity Block2 : will contain the column
parity of halfword(15:8) 1 to 512 (after 512 r/w cycles)
Line Parity Block3
: will contain the line
parity of halfword(7:0) 513 to 1024 (after 1024 r/w cycles)
Column Parity Block3 : will contain the column
parity of halfword(7:0) 513 to 1024 (after 1024 r/w cycles)
Line Parity Block4
: will contain the line
parity of halfword(15:8) 513 to 1024 (after 1024 r/w cycles)
Column Parity Block4 : will contain the column
parity of halfword(15:8) 513 to 1024 (after 1024 r/w cycles)
Note: Read ECC is not performed in unbuffered READ mode (this means when CPU accesses the Nand Flash through the
NAF_DATA registers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com