Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 60 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 60 Page - ams AG

Back Button AS3525 Datasheet HTML 56Page - ams AG AS3525 Datasheet HTML 57Page - ams AG AS3525 Datasheet HTML 58Page - ams AG AS3525 Datasheet HTML 59Page - ams AG AS3525 Datasheet HTML 60Page - ams AG AS3525 Datasheet HTML 61Page - ams AG AS3525 Datasheet HTML 62Page - ams AG AS3525 Datasheet HTML 63Page - ams AG AS3525 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
60
- 194
7.3.8.1
I2S Input Register Mapping
I2S Input Interface Registers
Table 42 I2S Input Interface Registers
Register Name
Base Address
Offset
Note
I2SIN_CONTROL
AS3525_I2SIN_BASE
0x0000
Control register
I2SIN_MASK
AS3525_I2SIN_BASE
0x0004
Interrupt mask register
I2SIN_RAW_STATUS
AS3525_I2SIN_BASE
0x0008
Raw status register
I2SIN_STATUS
AS3525_I2SIN_BASE
0x000C
Status register
I2SIN_CLEAR
AS3525_I2SIN_BASE
0x0010
Interrupt clear register
I2SIN_DATA
AS3525_I2SIN_BASE
0x0014
Audio data register
I2SIN_SPDIF_STATUS
AS3525_I2SIN_BASE
0x0018
SPDIF status signals register
Table 43 I2S Input Control Register
Name
Base
Default
I2SIN_CONTROL
AS3525_I2SIN_BASE
0x04
Control register
Offset: 0x0000
12 bit wide read/write register containing the control bits of the I2SINIF.
Bit
Bit Name
Default
Access
Bit Description
11
DMA_req_en
0
R/W
DMA request enable
0: disable
1: enable
10
mclk_invert
0
R/W
Invert MCLK
0: disable (SCLK changes at MCLK’s falling edge)
1: enable (SCLK changes at MCLK’s rising edge)
9,8
i2s_clk_source
00
R/W
Define the source of SCLK and LRCK for I2SINIF
00: SCLK and LRCK from I2SOUTIF (used if AFE sends data)
01: SCLK and LRCK from external ADC device (outside AS3525)
10: SCLK and LRCK from SPDIF converter
11: SCLK and LRCK from I2SINIF’s clock controller
7,6
sdata_source
00
R/W
Define the source of SDATA for I2SINIF
00: SDATA from AFE
01: SDATA from external ADC device (outside AS3525)
10: SDATA from SPDIF converter
11: loopback SDATA from I2SOUTIF (test purpose)
5
14bit_mode
0
R/W
0: ADC data from FIFO transferred in two 32-bit words to
I2SIN_DATA (first left and then right data as indicated by the
stereo24_status bit)
1: ADC data from FIFO transferred in one 32-bit word to
I2SIN_DATA
4
sclk_idle
0
R/W
Enable/disable SCLK for I2SINIF
0: SCLK enabled
1: SCLK disabled
3
SDATA_valid
0
R/W
0: SDATA ignored at first SCLK edge (I2S standard)
1: valid SDATA at first SCLK edge
2
sclk_edge
1
R/W
0: data valid at negative edge of SCLK
1: data valid at positive edge of SCLK
1,0
osr
00
R/W
Oversampling rate (needed for generating sclk and lrck)
00: 128x
01: 256x
10: 512x
11: 128x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com