Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 13 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 13 Page - ams AG

Back Button AS3525 Datasheet HTML 9Page - ams AG AS3525 Datasheet HTML 10Page - ams AG AS3525 Datasheet HTML 11Page - ams AG AS3525 Datasheet HTML 12Page - ams AG AS3525 Datasheet HTML 13Page - ams AG AS3525 Datasheet HTML 14Page - ams AG AS3525 Datasheet HTML 15Page - ams AG AS3525 Datasheet HTML 16Page - ams AG AS3525 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
13
- 194
6.2.3 Power Management Output Voltages
Following voltages are generated by the integrated power management blocks.
Table 5
Power Management – Output Voltages
Symbol
Parameter
Condition
min.
typ.
max.
Unit
bits CVDDp[1:0]=00
1.16
1.20
1.24
V
bits CVDDp[1:0]=01
1.10
1.15
1.30
V
bits CVDDp[1:0]=10
see Note (1)
1.06
1.10
1.14
V
bits CVDDp[1:0]=11
see Note (1)
1.01
1.05
1.09
V
AVDD
Output Voltage LDO1
2.85
2.90
2.95
V
DVDD
Output Voltage LDO2
2.85
2.90
2.95
V
bit PVDDp=0
1.65
1.70
1.75
V
bit PVDDp=1
1.75
1.80
1.85
V
bit PVDDp=0
2.69
2.74
2.80
V
bit PVDDp=1
2.84
2.90
2.96
V
bit PVDDp=0
3.10
3.15
3.20
V
bit PVDDp=1
3.27
3.30
3.39
V
bit PVDDp=0
2.45
2.50
2.55
V
bit PVDDp=1
2.30
2.36
2.42
V
bit IOVDDp=0
3.06
3.11
3.16
V
bit IOVDDp=1
2.89
2.94
2.99
V
bits DCDC3p=11
1.95
3.00
3.05
V
bits DCDC3p=10
3.05
3.10
3.15
V
bits DCDC3p=01
3.15
3.20
3.25
V
bits DCDC3p=00
3.55
3.60
3.65
V
BVDD
Output Voltage of DCDC
Step Up Converter
CVDDP
Core Supply Voltage
PVDDP
Output Voltage LDO3
3V Step-Up Converter
CVDD Regulator
Low Dropout Regulators
IOVDD
Output Voltage LDO4
Notes:
(1) This setting must not be used for AS3525 core supply because the lower voltage limit is out of core supply specification limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com