Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 33 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 33 Page - ams AG

Back Button AS3525 Datasheet HTML 29Page - ams AG AS3525 Datasheet HTML 30Page - ams AG AS3525 Datasheet HTML 31Page - ams AG AS3525 Datasheet HTML 32Page - ams AG AS3525 Datasheet HTML 33Page - ams AG AS3525 Datasheet HTML 34Page - ams AG AS3525 Datasheet HTML 35Page - ams AG AS3525 Datasheet HTML 36Page - ams AG AS3525 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
33
- 194
7.2.7 USB 2.0 HS OTG interface
The USB 2.0 on-chip interface includes the USB 2.0 On-The-Go Physical Interface and the HS OTG controller.
Figure 12 USB 2.0 Interface
7.2.7.1
HS OTG controller subsystem
The Synopsys HS OTG subsystem is a configurable design. The HS OTG subsystem is fully compliant with the On-The-
Go supplement to the USB 2.0 specification, Revision 1.0a. The subsystem supports high speed (480-Mbps) and full-
speed transfers. It is designed to interface to the AMBA AHB bus, shielding the application from the complexities of the
HS OTG subsystem-native protocols and simplifying the system interface.
The OTG subsystem can be configured using application software as follows:
•
OTG dual-role device (DRD)
•
USB High-Speed (HS) device
•
OTG device only
•
USB HS mini host
•
OTG mini host only
•
USB Full-Speed (FS) device
The HS OTG subsystem has the following interfaces
•
the UTMI+, which connect the on-chip PHY to the HS OTG core
•
the AHB slave interface, which provides the microcontroller with read and write access to the core's control and
status register (CSRs)
•
the AHB master interface, which enables the core to act as a master on the AHB to transfer data to and from the
core's DMA controller
•
the descriptor prefetch buffer RAM interface, which connects to an single-port RAM for DMA descriptor prefetch
buffer storage
•
the data RAM interface, which connects to and dual-port RAM (FIFO memory) for transaction data storage
General features
•
handles all clock synchronisation within the core
•
includes built-in DMA
•
uses a descriptor prefetch buffer for optimal AHB use
in host mode
•
includes hardware transaction scheduling for
enhanced performance
•
supports adaptive buffering for dynamic FIFO memory
allocation, avoiding gaps in RAM utilisation
•
supports memory mapped address space for the
CSRs
•
SOFs are supported in high/full speed modes
USB 2.0 supported features
•
supports up to 15 configurations in Device mode
•
each configuration supports 15 interfaces
•
each interface handles up to 15 alternate settings
recovers clock and data from the USB
•
supports session request protocol (SRP)
•
supports a generic root hub
•
supports session request protocol (SRP)
•
includes auto ping/split completion capabilities
•
supports Host Negotiation Protocol (HNP)
•
complies with UTMI+ level 3 interface
Implemented Controller configurations are:
•
configured with 4 host channels and 3 bidirectional- plus 1 in-endpoints in device mode
•
dynamic alternate configuration selection (for different bandwidths of isochronous endpoints)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com