Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 59 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 59 Page - ams AG

Back Button AS3525 Datasheet HTML 55Page - ams AG AS3525 Datasheet HTML 56Page - ams AG AS3525 Datasheet HTML 57Page - ams AG AS3525 Datasheet HTML 58Page - ams AG AS3525 Datasheet HTML 59Page - ams AG AS3525 Datasheet HTML 60Page - ams AG AS3525 Datasheet HTML 61Page - ams AG AS3525 Datasheet HTML 62Page - ams AG AS3525 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
59
- 194
7.3.8 I2SIN - I2S input interface
The I2S input interface module (called I2SINIF module hereafter) is used to connect an external audio source to the processor system. The
communication is based on the standardized I2S interface. The interface module connects to the processor system using the AMBA APB bus.
All the input left & right channel data are mapped to either 14 or 24 bit format, selectable within the control register. If the data word length is less
than 24 bit, the unused lower bits are set to zero. To reduce the interrupt frequency for the processor, a FIFO buffer is provided. The buffer can hold
up to 32 words of 48 bit length (left plus right channel).
Generation of interrupt request signal with several maskable interrupt sources (Pop Full, Pop Empty, Pop Error, Push Error, …etc)
The I2SINIF provides the following features:
•
two independent clock domains: AMBA APB clock PCLK, I2S input clock i2si_sclk
•
FIFO (32 words/48 bit) separating clock domains
•
support of several oversampling rates: 128x, 256x, 512x
•
interrupt support for FIFO data read
•
DMA support for FIFO data transfer
The I2SINIF provides five different modes:
•
input from on-chip audio ADC
•
input from external audio ADC in master mode (SCLK, LRCK generated by external ADC)
•
input from external audio ADC in slave mode (SCLK, LRCK, MCLK generated internally and fed to external ADC)
•
input from SPDIF (SPDIF to I2S converter)
•
feedback mode with input from I2S output interface: used for test purposes
Figure 25 I2S Input Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com