Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 21 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 21 Page - ams AG

Back Button AS3525 Datasheet HTML 17Page - ams AG AS3525 Datasheet HTML 18Page - ams AG AS3525 Datasheet HTML 19Page - ams AG AS3525 Datasheet HTML 20Page - ams AG AS3525 Datasheet HTML 21Page - ams AG AS3525 Datasheet HTML 22Page - ams AG AS3525 Datasheet HTML 23Page - ams AG AS3525 Datasheet HTML 24Page - ams AG AS3525 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
21
- 194
Branch Instructions
As well as letting data processing or load instructions change
control flow (by writing the PC) a standard branch instruction is
provided with 24-bit signed offset, providing for forward and
backward branches of up to 32 MB.
A branch with link (BL) instruction enables efficient subroutine
calls. BL preserves the address of the instruction after the
branch in R14 (Link register or LR). This lets a move instruction
put the LR in to the PC and return to the instruction after the
branch.
The branch and exchange (BX) instruction switches between ARM and
Thumb instruction sets with the return address optionally preserving the
operating mode of the calling subroutine.
Coprocessor Instructions
There are three types of coprocessor instructions:
•
Coprocessor data processing instructions
•
Coprocessor register transfer instructions
•
Coprocessor data transfer instructions
7.1.5 JTAG Interface
The ARM933T debug interface is based on IEEE Std. 1149.1- 1990, standard test access port. The ARM922T contains hardware extensions for
advanced debugging features. These are intended to ease the development of application software.
The debug extensions allow the core to be stopped by one of the following:
•
A given instruction fetch (breakpoint)
•
A data access (watchpoint)
•
Asynchronously by a debug request
When this happens, the ARM922T is said to be in debug state. At this point, you can examine the internal state of the core and the external state of
the system. When examination is complete, you can restore the core and system state and resume program execution.
Normally, all control for debugging is done by running a debugger software (ARM AXD or ARM Realview Debugger) on a debug host PC.
Connection to the chip is done by an ARM Multi-ICE interface, which connects either to the parallel port or the USB port of the debug host PC.
The connection to the multi-ICE interface is done via a 20 way connector and ribbon cable. Following diagram shows the signals connections of the
AS3525 to this ICE connector.
Figure 6 Interface connector to multi-ICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com