Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 93 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 93 Page - ams AG

Back Button AS3525 Datasheet HTML 89Page - ams AG AS3525 Datasheet HTML 90Page - ams AG AS3525 Datasheet HTML 91Page - ams AG AS3525 Datasheet HTML 92Page - ams AG AS3525 Datasheet HTML 93Page - ams AG AS3525 Datasheet HTML 94Page - ams AG AS3525 Datasheet HTML 95Page - ams AG AS3525 Datasheet HTML 96Page - ams AG AS3525 Datasheet HTML 97Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
93
- 194
7.3.13 UART – Universal Asynchronous Receiver/Transmitter
The UART is a Universal Asynchronous Receiver Transmitter compatible to industry standard 16550 with APB slave interface. This UART provides
FIFO based transmitter-receiver pair with programmable Baud-rate, character widths and parity encoding. Status and error information is also
provided by the design. Maximum baud rate supported by this UART is 1Mbps for input clock of 16MHz.
Features
•
Compliance to Industry Standard 16550 UART.
•
APB slave interface.
•
Separate 16x8 Transmit and 16x11 Receive FIFOs.
•
Programmable FIFO disabling for 1-byte depth.
•
Programmable Baud rate Generator.
•
Independent masking for transmit, receive and Error interrupts.
•
False Start bit detection.
•
Line Break generation and detection.
•
Fully programmable serial interface characteristics:
• Supports 5,6,7 and 8 bits.
• even, odd, stick and no parity generation and detection.
• 1, 11/2 and 2 stop bits.
Figure 39 UART Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com