Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 87 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 87 Page - ams AG

Back Button AS3525 Datasheet HTML 83Page - ams AG AS3525 Datasheet HTML 84Page - ams AG AS3525 Datasheet HTML 85Page - ams AG AS3525 Datasheet HTML 86Page - ams AG AS3525 Datasheet HTML 87Page - ams AG AS3525 Datasheet HTML 88Page - ams AG AS3525 Datasheet HTML 89Page - ams AG AS3525 Datasheet HTML 90Page - ams AG AS3525 Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
87
- 194
Dbop Integration Test Registers
The Dbop module is programmed to integration test mode using test control register. The integration test mode enables the user to access all the
input/output pins through the APB bus interface.
Name
Offset
R/W
Reset Value
Description
DBOPITC
0x18
R/W
0x00000000
DBOP integration test control register
DBOPITIP1
0x1C
R/W
0x00
DBOP integration test input register
DBOPITOP1
0x20
R
0x0
DBOP integration test output register
Table 72 DBOPITC test register
Register
bits
Name
type
function
default
value
31:1
reserved
0
iten
r/w
Integration test enable
1 will enable the integration test
mode
Table 73 DBOPITIP1 test register
Register
bits
Name
type
function
default
value
31:5
reserved
4
Testctrloen
r/w
Test value for
out_enControl_n
0
The value on this bit will be
reflected in out_enControl_n
3
Testdataoen
r/w
Test value for
out_enData_n
0
The value on this bit will be
reflected in out_enData_n
2
Testdmasreq
r/w
Test value for DMASREQ
0
The value on this bit will be
reflected in
DBOPDMACSREQ
1
Testdmabreq
r/w
Test value for DMABREQ
0
The value on this bit will be
reflected in
DBOPDMACBREQ
0
testirq
r/w
Test value for interrupt
0
The value on this bit will be
reflected in DBOPIRQ
Table 74 DBOPITOP1 test register
Register
bits
Name
type
function
default
value
31:1
reserved
0
Testdmaclr
r
DBOPDMACCLR test
register.
0
Read of this register will return the
value on the
DBOPDMACCLR input.
7.3.12.2 DBOP DMA Interface
This block generates all necessary interface signals with the DMAC primecell for DMA transfer. Following table gives a description of these signals.
DBOPDMASREQ
single word request, asserted by DBOP. This signal is asserted when there is at least one
empty location in the FiFo
DBOPDMABREQ
burst DMA transfer request, asserted by DBOP. This signal is asserted when there are at
least four empty locations in the FiFo
DBOPDMACLR
DMA request clear, asserted by DMA controller to clear the DMA request signals. If DMA
burst transfer is requested, the clear signal is asserted during the transfer of the last data
in the burst
Symmetric FiFo
The FiFo buffer has two main purposes:
•
data buffering: the FiFo contains 128 locations with 32 bits for data storage: with according DMA transfer, the data can be transferred in short
time without need for any SW control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com