Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 72 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 72 Page - ams AG

Back Button AS3525 Datasheet HTML 68Page - ams AG AS3525 Datasheet HTML 69Page - ams AG AS3525 Datasheet HTML 70Page - ams AG AS3525 Datasheet HTML 71Page - ams AG AS3525 Datasheet HTML 72Page - ams AG AS3525 Datasheet HTML 73Page - ams AG AS3525 Datasheet HTML 74Page - ams AG AS3525 Datasheet HTML 75Page - ams AG AS3525 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
72
- 194
7.3.11 NAND Flash Interface
The NAND FLASH interface module enables control of NAND flash devices. The design follows the hardware reference implementation described
in SMIL (SmartMediaTM Interface Library), Hardware Edition 1.00, TOSHIBA Corporation, but has extensions to support the latest generation of
NAND flash devices.
Programming and Reading can be done either by direct access to/from data register (normal mode) or by using a FIFO (burst mode). NAF supports
8-bit and 16-bit transfers.
Features
•
interface compliant to AMBA APB bus
•
generation of interrupt request signal with several maskable interrupt sources (ready, empty, almost_empty…)
•
hardware error detection (2 detect, 1 correct per 256 bytes block) for up to 8 *256 bytes (up to 24 ECC bytes)
•
8-bit and 16-bit transfer Mode fore X8/X16 devices
•
big endian / little endian support
•
DMA Mode
•
Normal Mode
•
Data/Mode/Status Register
•
write/read on/from data register automatically generates read/write strobes
•
Burst Transfer
•
36 x 32 bit FIFO for DMA/burst support
•
read- & write controller for automatic data resizing (32bit <=> 8/16bit) and read/write control
•
configurable strobe (low and high time) for higher PCLK clocks / lower speed NAND Flash devices
•
little endian/ big endian selectable
•
load interrupts when FIFO is ‘almost_empty’ & ’almost_full’ to ensure continuous data flow
Figure 31 Block Diagram of NAND Flash Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com