Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 103 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 103 Page - ams AG

Back Button AS3525 Datasheet HTML 99Page - ams AG AS3525 Datasheet HTML 100Page - ams AG AS3525 Datasheet HTML 101Page - ams AG AS3525 Datasheet HTML 102Page - ams AG AS3525 Datasheet HTML 103Page - ams AG AS3525 Datasheet HTML 104Page - ams AG AS3525 Datasheet HTML 105Page - ams AG AS3525 Datasheet HTML 106Page - ams AG AS3525 Datasheet HTML 107Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
103
- 194
7.3.14.4 PLL description
•
runs on single power supply at 1.2 V (special power PADs are used within the chip layout to guarantee lowest jitter:
vddapll, vssapll which are connected to vdd_core, vss_core within the BGA substrate)
•
fully integrated with internal loop filter
•
VCO operating frequency from 200 - 400 MHz
•
phase comparator input frequency from 2 - 8 MHz
•
low power dissipation of typical 2.5 mW
Figure 41 PLL block diagram
Programming and calculation of the PLL output frequency
The output frequency is controlled by three programmable dividers within the PLL. These dividers are: the input divider NR, the feedback divider NF
and the output divider NO. The divider settings are programmed by bits within CGU_PLLA, CGU_PLLB registers. The table on the following page
gives the detailed formulas for setting the PLL output frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com