Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 75 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 75 Page - Intel Corporation

Back Button 6402 Datasheet HTML 71Page - Intel Corporation 6402 Datasheet HTML 72Page - Intel Corporation 6402 Datasheet HTML 73Page - Intel Corporation 6402 Datasheet HTML 74Page - Intel Corporation 6402 Datasheet HTML 75Page - Intel Corporation 6402 Datasheet HTML 76Page - Intel Corporation 6402 Datasheet HTML 77Page - Intel Corporation 6402 Datasheet HTML 78Page - Intel Corporation 6402 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
75
Errors
Configuration Register Access error has been flagged (and matching address logged),
the log registers for that error remain locked until either 1) that bit in the FERR and/or
NERR cleared or 2) a power-up reset.
6.3
Fail Over Mode Support
The AMB supports single lane Fail Over mode as described in the FB DIMM Architecture
and Protocol Specification,. This is done under host control or through the SMBus.
6.4
Failback to Pass-Thru
In general, the AMB attempts to minimize the number of Single Points Of Failure
(SPOF) that could bring down the entire channel. Errors in any one lane can be mapped
out with Fail Over. Errors on the DDR interface can be handled by disabling the DRAM
interface and leaving the AMB in a repeater like mode. The goal is to allow the system
(following a reset or fast reset sequence) to work around the bad DIMM and keep the
DIMMs downstream in operation until there is time for system maintenance.
A AMB in an intermediate DIMM should continue to operate in pass-thru mode so that
NB and SB data are relayed to the next links in the channel with minimal functionality.
Only the following parts of the AMB need to be healthy to support this mode:
• Clock inputs and PLL circuitry to generate FBD clocks
• Minimal core logic around FBD I/O enabling and reset
—Reset generation
— Bit lock detection.
• at least N-1 FBD lanes operational in NB and SB channels
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com