Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 82 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 82 Page - Intel Corporation

Back Button 6402 Datasheet HTML 78Page - Intel Corporation 6402 Datasheet HTML 79Page - Intel Corporation 6402 Datasheet HTML 80Page - Intel Corporation 6402 Datasheet HTML 81Page - Intel Corporation 6402 Datasheet HTML 82Page - Intel Corporation 6402 Datasheet HTML 83Page - Intel Corporation 6402 Datasheet HTML 84Page - Intel Corporation 6402 Datasheet HTML 85Page - Intel Corporation 6402 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 250 page
background image
SMBus Interface
82
Intel® 6400/6402 Advanced Memory Buffer Datasheet
This is not a problem since SMBus accesses are only required prior to initial link turn-on
or for diagnostic access when a link can not be initialized. It is the host’s responsibility
to monitor for SMBus transactions during a fast reset and retry these transactions when
the link is stable.
An interrupted transaction will result in the AMB as slave not properly acknowledging
the Master. This protects write transactions. However, if a read transaction has
proceeded to the point where the slave no longer acknowledges the master, read data
can be lost when the SMBus state machine is reset. If PEC is enabled, this data loss will
be detected as a PEC error.
The host restricting usage of SMBus to when the link is idle or monitoring “fast resets”
and retrying transactions that are interrupted is the safest SMBus access method.
7.1.5.2
SMBus Interface State Machine Reset
The slave interface state machine can be reset by the master in two ways:
• The master holds SCL low for 25 ms cumulative. Cumulative in this case means
that all the “low time” for SCL is counted between the Start and Stop bit. If this
totals 25 ms before reaching the Stop bit, the interface is reset.
— Timing is set up to be:
* 30 ms at DDR2-667
* 37.5 ms at DDR2-533
• The master holds SCL continuously high for 50 µs.
— Timing is set up to be:
* 60 µs at DDR2-667
* 75 µs at DDR2-533
7.1.5.3
SMBus Transactions During Hard Reset
Since the configuration registers are affected by the reset pin, SMBus masters will NOT
be able to access the internal registers while the system is reset.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com