Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 6 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 6402 Datasheet HTML 2Page - Intel Corporation 6402 Datasheet HTML 3Page - Intel Corporation 6402 Datasheet HTML 4Page - Intel Corporation 6402 Datasheet HTML 5Page - Intel Corporation 6402 Datasheet HTML 6Page - Intel Corporation 6402 Datasheet HTML 7Page - Intel Corporation 6402 Datasheet HTML 8Page - Intel Corporation 6402 Datasheet HTML 9Page - Intel Corporation 6402 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 250 page
background image
6
Intel® 6400/6402 Advanced Memory Buffer Datasheet
11.3.1 Fundamental Operations........................................................................ 113
11.3.2 Memory Addressing .............................................................................. 114
11.3.3 Memory Data Formatting ....................................................................... 123
11.3.4 Algorithmic Testing ............................................................................... 126
11.3.5 Error Reporting and Control ................................................................... 128
11.3.6 DRAM Throttling ................................................................................... 131
11.3.7 Refresh Control .................................................................................... 131
11.3.8 DRAM Initialization................................................................................ 132
11.4 MemBIST Memory Test Examples ...................................................................... 132
11.4.1 Write a Fixed Pattern to a Range of DRAM Addresses................................. 132
11.4.2 Write Random Data to a Range of DRAM Addresses and Check ................... 133
11.4.3 Write Leaping 0s to the Full DRAM Address Range and Check ..................... 134
11.4.4 Write 144-bit User-defined Pattern to a Range of Addresses and Check ........ 136
11.4.5 Test a Range of DRAM Addresses With March C- Algorithm ........................ 137
11.5 MemBIST Implementation................................................................................. 138
11.5.1 MemBIST Block Diagram ....................................................................... 138
11.5.2 MB Flow Control State Machine ............................................................... 139
11.5.3 CS Finite State Machine ......................................................................... 141
12
Ballout and Package Information ........................................................................... 143
12.1
Ballout .......................................................................................................... 143
12.2 655-Ball FBGA 0.8mm Pitch Pin Configuration...................................................... 143
12.3 Pin Assignments for the Advanced Memory Buffer (AMB)....................................... 144
12.4 Package Information ........................................................................................ 152
13
Signal Lists ............................................................................................................ 155
13.1 Conventions.................................................................................................... 155
13.2 Intel 6400/6402 Advanced Memory Buffer (AMB) Pin Description List...................... 156
14
Registers ............................................................................................................... 159
14.1 Access Mechanisms.......................................................................................... 159
14.1.1 Conflict Resolution and Usage Model Limitations ....................................... 159
14.1.2 FBD Data on Configuration Read Returns ................................................. 159
14.1.3 Non-Existent Register Bits...................................................................... 159
14.1.4 Register Attribute Definition ................................................................... 160
14.1.5 Binary Number Notation ........................................................................ 161
14.1.6 Function Mapping ................................................................................. 161
14.2 PCI Standard Header Identification Registers (Function 0) ..................................... 169
14.2.1 VID: Vendor Identification Register ......................................................... 169
14.2.2 DID: Device Identification Register.......................................................... 169
14.2.3 RID: Revision Identification Register ....................................................... 169
14.2.4 CCR: Class Code Register ...................................................................... 170
14.2.5 HDR: Header Type Register.................................................................... 170
14.3 FBD Link Registers (Function 1) ......................................................................... 170
14.3.1 FBD Link Control and Status................................................................... 170
14.3.2 SM Bus Register ................................................................................... 180
14.3.3 Error Registers ..................................................................................... 181
14.3.4 PERSONALITY BYTES Loaded From the SPD.............................................. 183
14.3.5 Hardware Configuration Registers ........................................................... 184
14.4 Implementation Specific FBD Registers (Function 2) ............................................. 185
14.5 DDR and Miscellaneous Registers (Function 3) ..................................................... 186
14.5.1 Memory Registers ................................................................................. 186
14.5.2 Memory BIST Registers ......................................................................... 191
14.5.3 Thermal Sensor Registers ...................................................................... 201
14.6 Implementation Specific DDR Initialization and
Calibration Registers (Function 4) ...................................................................... 203
14.6.1 DDR Calibration.................................................................................... 203
14.6.2 Memory Interface Control ...................................................................... 219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com