Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 96 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 96 Page - Intel Corporation

Back Button 6402 Datasheet HTML 92Page - Intel Corporation 6402 Datasheet HTML 93Page - Intel Corporation 6402 Datasheet HTML 94Page - Intel Corporation 6402 Datasheet HTML 95Page - Intel Corporation 6402 Datasheet HTML 96Page - Intel Corporation 6402 Datasheet HTML 97Page - Intel Corporation 6402 Datasheet HTML 98Page - Intel Corporation 6402 Datasheet HTML 99Page - Intel Corporation 6402 Datasheet HTML 100Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 250 page
background image
Reset
96
Intel® 6400/6402 Advanced Memory Buffer Datasheet
9.4.5
Timing Diagrams
Figure 9-1. Cold Power-Up Reset
Figure 9-2. AMB Fast Reset Sequence
1.5, 3.3 V supplies
Ref clk
RE SET#
CKE
1.8 V supply
S table
Quiet
SM Bus
P gm phys link regs
D isabled
FB D link
Link init and cal
AM B config
EI
B ring up D R A M ifc
Inputs to A M B
O utputs from A M B
At least 2 m sec
A t least 200 usec
DRA M clk
Stable
Nxt
C ur updated
by this tim e
A M B C o ld P o w er-U p R eset S eq uen ce
Inputs: value irrelevant .
O utputs: value unknow n
Link init
RESET# high
CKE
Power supplies and
Ref clk stable
Secondary NB FBD
Inputs to AMB
Outputs from AMB
DRAM clks
Stable
Nxt
Cur updated
by this time
AMB Fast Reset Sequence
(DISSREXIT not Set)
0001
L0
EI
TS0
TS1
TS3
TS2
Primary SB FBD
L0
DRAM Commands
on-going
L0
EI
TS0
Secondary SB FBD
TS0
Primary NB FBD
EI
L0
0's
TS0
EI
SRF Exit
SRF Entry
Non-Sticky Reset
Precharge All
& AutoRefresh
Stable
May change
TS1
TS3
TS2
L0
TS1
TS3
TS2
L0
TS1
TS3
TS2
L0
L0
0's
SRF Exit
Internal Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com