Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 94 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 94 Page - Intel Corporation

Back Button 6402 Datasheet HTML 90Page - Intel Corporation 6402 Datasheet HTML 91Page - Intel Corporation 6402 Datasheet HTML 92Page - Intel Corporation 6402 Datasheet HTML 93Page - Intel Corporation 6402 Datasheet HTML 94Page - Intel Corporation 6402 Datasheet HTML 95Page - Intel Corporation 6402 Datasheet HTML 96Page - Intel Corporation 6402 Datasheet HTML 97Page - Intel Corporation 6402 Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 250 page
background image
Reset
94
Intel® 6400/6402 Advanced Memory Buffer Datasheet
• These “Next” register values must be transferred to the matching “Current”
registers before the FBD link leaves the DISABLE state
— Updates may be done right after the NXT register is updated when link is in
electrical idle. Updates must be complete before the beginning of training.
7. FBD Link is initialized including CALIBRATION state.
8. Remaining AMB configuration is loaded over high speed FBD channel
• CMD2DATA, remaining personality bytes, other SPD parameters, DRAM
parameters, Errors enabled, and so forth.
9. FBD Link goes through fast reset (no CALIBRATION) to establish the desired
configuration
10. DRAM interface can now be established
a. MRS/EMRS setup using DCALCSR and DCALADDR
b. DRAM interface calibrated using DCALCSR
c. Optionally, MemBIST functionality can be used to test the DRAMs
d. DRAM’s can be initialized using MemBIST
11. Refresh must now be transferred to the host
• Option 1: Use fast reset on the link with DRAMs in self-refresh
— clear DSREFTC:DISSREXIT to enable fast self refresh exit when link is re-
established
— put the link in disable state which automatically puts the DRAMs in self refresh.
— Start the refresh engine on the host
— bring up the link again
— Host starts sending refresh commands as soon as L0 state reached
• Option 2: write control register to disable auto-refresh engine followed by
— Clear DAREFTC:AREFEN to turn off auto-refresh
— Host then immediately takes over sending refresh commands
12. Host now has complete control of the FBD Channel
9.4.2
S3 Restore Power-Up Reset Sequence
Follow steps 1) through 9) from cold power up sequence above. Step 2, BIOS query of
SPD may be skipped if these values are saved elsewhere. Either way the personality
bytes from the SPD are restored to their prior values in the AMB. Once this is done the
DRAM interface can be restored.
1. DRAM interface can now be restored
a. DRC, MTR, DSREFTC, and DAREFTC register restored
b. Stored S3RESTORE[15:0] are written back into each AMB
— do NOT recalibrate the DRAM interface using DCALCSR
— do NOT reinitialize the DRAMs using MemBIST
2. Refresh must now be transferred to the host as in cold power up
3. Host now has complete control of the FBD Channel and prior DRAM memory state
has been preserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com