Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 63 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 63 Page - Intel Corporation

Back Button 6402 Datasheet HTML 59Page - Intel Corporation 6402 Datasheet HTML 60Page - Intel Corporation 6402 Datasheet HTML 61Page - Intel Corporation 6402 Datasheet HTML 62Page - Intel Corporation 6402 Datasheet HTML 63Page - Intel Corporation 6402 Datasheet HTML 64Page - Intel Corporation 6402 Datasheet HTML 65Page - Intel Corporation 6402 Datasheet HTML 66Page - Intel Corporation 6402 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
63
Debug and Logic Analyzer Mode
5.1.8.4
Event Bus
The AMB LAI mode enables four events signals (EV[3:0]) to be shared between the
AMB or compatible LAI devices in a system. The signals are shared through a uniquely
defined interconnect that connects all the devices to the 4-bit wide daisy chain bus. The
4 lanes are independent and carry separate events or triggers. Due to the noisy nature
of the interconnect between LAI devices, filtering is required to eliminate spurious
events from being introduced. A typical lane is shown in Figure 5-7 below.
Initialization States
8
1:8
Disable[1], calibrate[2], training[3], testing[4], pollling[5],
config[6], l0[7], l0s or recalibrate[8]
Errors
6
30:25
• SB/NB Fail Over mode [25], when unmasked:
• SB CRC error[26],
• Thermal overload[27],
• Clock training violation (< 6 transitions in 512 UI) [28],
• Unimplemented register access[29],
• Other implementation specific errors[30]
For the Intel 6400/6402 Advanced Memory Buffer: event[30]
is the “OR“ of any bit in FERR[7:4] or NERR[7:4]
Qual_Flag
1
24
Spare
1
31
NOP
1
0
Null Event
Total Events
32
For the Intel 6400/6402 Advanced Memory Buffer: There is
enough space for 32 events
Table 5-7.
LAI Event Selection
Name
Events
Description
Output event/triggers
11
Sent to LA on DDR pins
EVBus events
4
Sent on DDR pins
Inject Event NB
1
Assert NB event bit - not necessarily LAI usage
Error Injection Trigger
1
Inject errors - not necessarily LAI usage
Qual Events
2
Start and stop events for qualification signal
Total Events
19
Table 5-6.
LAI Local Events (Sheet 2 of 2)
Name
Events
Sel
Addr
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com