Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 53 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 53 Page - Intel Corporation

Back Button 6402 Datasheet HTML 49Page - Intel Corporation 6402 Datasheet HTML 50Page - Intel Corporation 6402 Datasheet HTML 51Page - Intel Corporation 6402 Datasheet HTML 52Page - Intel Corporation 6402 Datasheet HTML 53Page - Intel Corporation 6402 Datasheet HTML 54Page - Intel Corporation 6402 Datasheet HTML 55Page - Intel Corporation 6402 Datasheet HTML 56Page - Intel Corporation 6402 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
53
Debug and Logic Analyzer Mode
5
Debug and Logic Analyzer Mode
5.1
Logic Analyzer Interface (LAI) Mode
This section describes the functionality of the optional Logic Analyzer Mode for the Intel
6400/6402 Advanced Memory Buffer (AMB).
The features of the logic analyzer mode (LAI mode) in the Fully Buffered DIMM will
enable select bus observability capabilities. The mode will be the basis of an LAI
assembly to provide link traffic trace capability and will support design and
manufacturing debug and validation needs for systems featuring FBD links. In this
application, the device is programmed to perform the following functions:
• Repeater pass-through operation for southbound and northbound links
• Provides enough link protocol unwinding to allow extraction of framing boundaries,
idle filtering opportunities, and pattern match triggering
• Performs logic analysis functions such as cross-triggering, match/mask, and local
event detection. These functions cannot be effectively performed using a remote
logic analyzer.
• Provides independent demuxed northbound and southbound traffic stream in LA
compatible signal levels and timing format through reuse of the existing device
DRAM I/O pins
• Provides SMB (or possibly another communications interface) access to allow
external, non-intrusive access to component LAI control functions/parameters
• The AMB is commanded to power up in LAI mode when SMA[3:2] addresses are
strapped to 2’b11 and LAI capability bit is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com