Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 19 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 6402 Datasheet HTML 15Page - Intel Corporation 6402 Datasheet HTML 16Page - Intel Corporation 6402 Datasheet HTML 17Page - Intel Corporation 6402 Datasheet HTML 18Page - Intel Corporation 6402 Datasheet HTML 19Page - Intel Corporation 6402 Datasheet HTML 20Page - Intel Corporation 6402 Datasheet HTML 21Page - Intel Corporation 6402 Datasheet HTML 22Page - Intel Corporation 6402 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
19
FBD Channel Interface
2.3.4
Address Mapping of DDR Commands to DRAMs
2.3.5
FBD L0s State
The L0s state is not supported in the AMB.
2.4
Reliability, Availability, and Serviceability
Refer to Chapter 5, “Reliability, Availability and Serviceability” in the FB DIMM
Architecture and Protocol Specification [1] for FBD RAS requirements.
2.4.1
Channel Error Detection and Logging
See for details on the error handling.
2.5
Channel Configuration
2.5.1
Re-sync and Resample Modes
A separate control is available for both the NB and SB FBD links to select between lower
latency re-sample and lower jitter re-sync modes for repeating received data. Selection
between these two modes is a function of platform design and configuration and should
be set by BIOS prior to link initialization
The FBDSBCFGNXT.SBRESYNCEN and FBDNBCFGNXT.NBRESYNCEN bits make
this selection.
Descriptions of these two modes follows.
2.5.1.1
Accumulated Tracking Effects (Re-Sample Option)
Each AMB acts as a repeater for the FBD channel. Since the data driven from each
DIMM to the next DIMM may experience random or periodic phase shifts, the effect of
these phase shifts must be accommodated in the design. Consider a system with three
DIMMs daisy-chained together. A phase shift generated in the first DIMM will be seen by
the second DIMM but will not be immediately propagated to the third DIMM. Unlike an
analog buffer, the phase shift is not automatically driven to subsequent DIMMs since
DDR2 x4 Config
20
19
18
17
16
15
14
13
12
11
10
98
765
4321
0
256Mb (64Mbx4)
Row
1
X
X
RS
X
X
B1
B0
A 12 A 11 A 10 A 9
A 8
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
1KB page
Col
0
1
r/w
RS
X
X
B1
B0
X
A 11 AP
A9
A 8
A7
A6
A5
A 4
A3
A2
A 1
A 0
512Mb (128Mbx4) Row
1
X
X
RS A 13
X
B1
B0
A 12 A 11 A 10 A 9
A 8
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
1KB page
Col
0
1
r/w
RS
X
X
B1
B0
X
A 11 AP
A9
A 8
A7
A6
A5
A 4
A3
A2
A 1
A 0
1Gb (256Mbx4)
Row
1
X
X
RS A 13 B2
B1
B0
A 12 A11 A 10 A9
A 8
A7
A6
A5
A 4
A3
A2
A 1
A 0
1KB page
Col
0
1
r/w
RS
X
B2
B1
B0
X
A 11 A P
A 9A 8A 7A 6A 5A 4A 3A 2A 1
A 0
2Gb (512Mbx4)
Row
1
X
A 14 RS A 13 B2
B1
B0
A 12 A11 A 10 A9
A 8
A7
A6
A5
A 4
A3
A2
A 1
A 0
1KB page
Col
0
1
r/w
RS
X
B2
B1
B0
X
A 11 A P
A 9A 8A 7A 6A 5A 4A 3A 2A 1
A 0
DDR2 x8 Config
20
19
18
17
16
15
14
13
12
11
10
98
765
4321
0
256Mb (32Mbx8)
Row
1
X
X
RS
X
X
B1
B0
A 12 A 11 A 10 A 9
A 8
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
1KB page
Col
0
1
r/w
RS
X
X
B1
B0
X
X
AP
A9
A 8
A7
A6
A5
A 4
A3
A2
A 1
A 0
512Mb (64Mbx8)
Row
1
X
X
RS A 13
X
B1
B0
A 12 A 11 A 10 A 9
A 8
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
1KB page
Col
0
1
r/w
RS
X
X
B1
B0
X
X
AP
A9
A 8
A7
A6
A5
A 4
A3
A2
A 1
A 0
1Gb (128Mbx8)
Row
1
X
X
RS A 13 B2
B1
B0
A 12 A11 A 10 A9
A 8
A7
A6
A5
A 4
A3
A2
A 1
A 0
1KB page
Col
0
1
r/w
RS
X
B2
B1
B0
X
X
A P
A 9A 8A 7A 6A 5A 4A 3A 2A 1
A 0
2Gb (256Mbx8)
Row
1
X
A 14 RS A 13 B2
B1
B0
A 12 A11 A 10 A9
A 8
A7
A6
A5
A 4
A3
A2
A 1
A 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com