Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 45 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 45 Page - Intel Corporation

Back Button 6402 Datasheet HTML 41Page - Intel Corporation 6402 Datasheet HTML 42Page - Intel Corporation 6402 Datasheet HTML 43Page - Intel Corporation 6402 Datasheet HTML 44Page - Intel Corporation 6402 Datasheet HTML 45Page - Intel Corporation 6402 Datasheet HTML 46Page - Intel Corporation 6402 Datasheet HTML 47Page - Intel Corporation 6402 Datasheet HTML 48Page - Intel Corporation 6402 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
45
Electrical, Power, and Thermal
4.3
DDR2 DRAM Interface Electrical Specifications
Table 4-7 contains the electrical DC parameters for the AMB DDR2
Notes:
1.
Values highlighted in ‘Red’ are for reference (that is, placeholder value)
2.
No VREF pin on AMB
3.
VOUT (slew) covers all other outputs slew rate including clock
4.
Input voltage for all pins is limited to a maximum of 2.3 V.
5.
VDD/2 = 1.7/2 = 850 mV; VOUT = 575 mV. (VOUT - VDD/2)/IOH must be less than 20 Ohm for values of
VOUT between VDD/2 and VDD/2 - 275 mV.
6.
VDD/2 = 1.7/2 = 850 mV; VOUT = 275 mV. VOUT/IOH must be less than 20 Ohm for values of VOUT
between 0V and 275 mV.
7.
CIO is the Input/Output capacitance for DQ/DQS, and Output capacitance for CMD/ADDR/CK.
Table 4-7.
Recommended Operating Conditions for DRAM Interface
Symbol
Parameter
Min
Nom
Max
Unit
VDD
Supply voltage
1.7
1.8
1.9
V
VREF
Input reference voltage
0.49 * VDD
0.50 * VDD
0.51 * VDD
mV
VTT
Termination voltage
VREF – 40
VREF
VREF + 40
mV
Single Ended Signals
VIN
Input voltage
0
-
VDD
VIH(dc)
DC HIGH-level input voltage
VDD / 2 + 100
-
VDD + 300
mV
VIL(dc)
DC LOW-level input voltage
-300
-
VDD / 2 - 100
mV
VIH(ac)
AC HIGH-level input voltage
VDD / 2 + 200
-
-
mV
VIL(ac)
AC LOW-level input voltage
-
-
VDD / 2 – 200
mV
VOH
Minimum Required Output Pull-up
under AC Test Load
VDD / 2 + 575
-
-
mV
VOL
Maximum Required Output Pull-down
under AC Test Load
--
VDD / 2 - 575
mV
VOTR
Output Timing Measurement
Reference Level
-
0.5*VDD
-V
IOH(dc)
Output minimum source dc current
-13.8
-
-
mA
IOL(dc)
Output minimum sink dc current
13.8
-
-
mA
Differential Signals
VID(dc)
DC differential input voltage
0.2
-
-
V
VID(ac)
AC differential input voltage
0.4
-
-
V
VIX(ac)
AC differential input crossing voltage
0.5 * VDD -
0.100
-0.5 * VDD +
0.100
V
Vr
Input timing measurement reference
level
VIX(ac)
VOX(ac)
AC differential output crossing
voltage
0.5 * VDD -
0.100
-0.5 * VDD +
0.100
V
VOUT (slew)
Output slew-rate requirement
2.2
-
3.2
V/ns
Iih
Input leakage current (HIGH)
-
-
10
µA
Iil
Input leakage current (LOW)
-
-
10
µA
CIO
Input/Output Capacitance
2.0
-
2.5
pF
ROUT
Output Impedance
13
-
20
Ohms
TC
Package surface (case) temperature
for AMB
-
-
110
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com