Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 57 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 57 Page - Intel Corporation

Back Button 6402 Datasheet HTML 53Page - Intel Corporation 6402 Datasheet HTML 54Page - Intel Corporation 6402 Datasheet HTML 55Page - Intel Corporation 6402 Datasheet HTML 56Page - Intel Corporation 6402 Datasheet HTML 57Page - Intel Corporation 6402 Datasheet HTML 58Page - Intel Corporation 6402 Datasheet HTML 59Page - Intel Corporation 6402 Datasheet HTML 60Page - Intel Corporation 6402 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
57
Debug and Logic Analyzer Mode
5.1.5
LAI to DDR Pin Mapping
Table 5-4 contains the LAI-to-DDR pin mapping.
CLK
Out
Logic analyzer reference clock (differential). This provides a LA
compatible timing reference clock for capture of all signals to the
LA, with fine capture phase adjust using the native LA clock edge
offset capabilities.
QUAL
Out
Store qualifier:
1 = store
0 = do not store
FRAME
Out
Drives 1 when LAI pins are valid level. Should be connected to
pull down on LAI board to detect when LAI pins are tri-stated
and LA should ignore data.
EV[3:0]
I/O
Inter-AMB event bus for cross-triggering (wired-OR, high active,
slow).This four bit event bus allows multiple AMB (and similar)
LAIs to be programmed to inter-communicate locally detected
matching and/or filtering opportunities events (cross-triggering
and cross-qualification).
Table 5-3.
LAI Mode Added Signals (Sheet 2 of 2)
Signal Type
Direction
Definition
Table 5-4.
List of Shared DDR/LAI Pins (Sheet 1 of 2)
DDR Pin
Count
Speed Mbit/sec
LAI Mode
Comment
DQ[55:52], DQS[15],
DQS[15]
6
533/667
sbframe_data0[5:0],
[11:6]
5:0 captured on rising
edge of CLK,
11:6 captured on falling
edge of CLK
DQ[59:56], DQS[7],
DQS[7]
6
533/667
sbframe_data1[5:0],
[11:6]
DQ[51:48], DQS[6],
DQS[6]
6
533/667
sbframe_data2[5:0],
[11:6]
DQ[39:36], DQS[13],
DQS[13]
6
533/667
sbframe_data3[5:0],
[11:6]
DQ[47:44], DQS[14],
DQS[14]
6
533/667
sbframe_data4[5:0],
[11:6]
DQ[35:32], DQS[4],
DQS[4]
6
533/667
sbframe_data5[5:0],
[11:6]
DQ[43:40], DQS[5],
DQS[5]
6
533/667
sbframe_data6[5:0],
[11:6]
RASB, A[10:9)B,
DYBA[2:0]B
6
533/667
sbframe_data7[5:0],
[11:6]
A[6:2]B, A[0]B
6
533/667
sbframe_data8[5:0],
[11:6]
A[15:11],B A[8]B
6
533/667
sbframe_data9[5:0],
[11:6]
CKE[1:0]B, CS[1:0]B,
ODTB,
5
267/333
trigger[10:6]
Will only change at 1/2
freq
BA[2]A
1
533/667
frame
1 if transferring first half
of frame, 0 if second half
CASB, WEB, A[7]B,
A[1]B
4
100 MHz
evbus[3:0]
Inner DY bumpout rows
CASA
1
267/333
mode
RASA
1
267/333
qual
CKE[1:0]A, CS[1:0]A,
ODTA, WEA
6
267/333
trigger[5:0]
Will only change at 1/2
freq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com