Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 64 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 64 Page - Intel Corporation

Back Button 6402 Datasheet HTML 60Page - Intel Corporation 6402 Datasheet HTML 61Page - Intel Corporation 6402 Datasheet HTML 62Page - Intel Corporation 6402 Datasheet HTML 63Page - Intel Corporation 6402 Datasheet HTML 64Page - Intel Corporation 6402 Datasheet HTML 65Page - Intel Corporation 6402 Datasheet HTML 66Page - Intel Corporation 6402 Datasheet HTML 67Page - Intel Corporation 6402 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 250 page
background image
Debug and Logic Analyzer Mode
64
Intel® 6400/6402 Advanced Memory Buffer Datasheet
Each lane in the bus can be selected by the EVTYPE parameter to be a pulse (trigger)
event or a level (qualifier) event. Timing for the input and output filters is set by the
EVT parameter which defines the Tmin in core clock cycles. Both of these parameters
reside in the EVBUS control register along with the local event select controls for each
lane in the bus.
Pulse mode timing:
Input: Inputs are digitally filtered to reduce spurious events from bus ringing. Once
a rising edge is detected a single one clock width pulse event is sent to the local
events. No further pulse events are permitted until the next rising edge that occurs
after the longer of either (2 * Tmin) or (T_source_event_actual + T min).
Output: An output high pulse of length Tmin or T_local event_actual (whichever is
longer) is sourced whenever triggered by the selected local event. This is followed
by an output low pulse of length Tmin. Further toggling by the selected local event
is ignored until this output sequence is complete.
Level mode timing:
Input: Once a rising edge is detected the local event is asserted and remains
asserted for Tmin or T_source_event_actual which ever is longer.
Output: An output high pulse of length Tmin or T_local event_actual (whichever is
longer) is sourced whenever triggered by the selected local event.
Figure 5-7 shows the event signal timing.
Figure 5-6. EVBus Overview
Output
Filter
ENB
“1”
Input
Filter
pin
EVBus
Event
Select
Local
Events
EVBus
Local
Event
bus to
other LAI
EV Bus System Topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com