Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 43 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 43 Page - Intel Corporation

Back Button 6402 Datasheet HTML 39Page - Intel Corporation 6402 Datasheet HTML 40Page - Intel Corporation 6402 Datasheet HTML 41Page - Intel Corporation 6402 Datasheet HTML 42Page - Intel Corporation 6402 Datasheet HTML 43Page - Intel Corporation 6402 Datasheet HTML 44Page - Intel Corporation 6402 Datasheet HTML 45Page - Intel Corporation 6402 Datasheet HTML 46Page - Intel Corporation 6402 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
43
Electrical, Power, and Thermal
Notes:
1.
Vdd : Thermal Design = 1.845 V (+2.5%) ; Max Current = 1.900 V (+5.5%)
2.
Vcc : Thermal Design = 1.530 V (+2%) ; Max Current = 1.575 V (+5%)
3.
Includes all DIMM DRAM organizations (SRx4, DRx4, SRx8, DRx8) and Raw Cards (A, B, C, D, E, H, J)
4.
For x8, measured with DRx8 raw card B with 39 ohm termination for command, address, and clocks, and
47 ohm termination for CS and CKE
5.
For x4, measured with DRx4 raw card E with parallel 33 ohm termination for command, address, and 39
ohm termination for CS, CKE and clocks
6.
Cards using smaller termination resistors will have higher powers. for example, x4 cards parallel 22 ohm
termination for command and address could add as much as 0.4W to the power for all states.
7.
Total DIMM current during S3 includes AMB IDD_S3 and self-refresh current of all DRAM devices.
Idd_EI
(for AMB
spec, Not in
SPD)
Electrical Idle
DRAM Idle (0 BW)
Primary channel Disabled
Secondary channel Disabled
CKE low. Command and
Address lines Floated
DRAM clock active, ODT and
CKE driven low
@1.5 V
2.0
2.5
A
@1.8 V
0.2
0.2
A
@3.3 V
A
Idd_EI Total Power
W
IDD_S3
S3 Current
VDD = 1.9V
VCC = 0V
VTT = 0V
Across process variations
Across the operating TCASE
temp range
DIMM types, R/C A, B, C, D, E,
H & J
VDD
(1.8V)
75
75
mA
Table 4-4.
Power Values for x4 DIMMs (Sheet 3 of 3)
533 MHz
667 MHz
Symbol
Conditions
Power
Supply
Thermal
Design
Max
Current
Thermal
Design
Max
Current
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com