Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 87 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 87 Page - Intel Corporation

Back Button 6402 Datasheet HTML 83Page - Intel Corporation 6402 Datasheet HTML 84Page - Intel Corporation 6402 Datasheet HTML 85Page - Intel Corporation 6402 Datasheet HTML 86Page - Intel Corporation 6402 Datasheet HTML 87Page - Intel Corporation 6402 Datasheet HTML 88Page - Intel Corporation 6402 Datasheet HTML 89Page - Intel Corporation 6402 Datasheet HTML 90Page - Intel Corporation 6402 Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
87
Clocking
8.9
Additional Clock Modes
8.9.1
Transparent Mode Clocking
In transparent mode, all input signals are registered in the core clock domain and all
outputs are driven from the output of registers clocked by core clock. In order to
achieve determinism on a tester in this mode, the feedback clock for the PLL is taken
from the end of the core clock tree. This makes all timing relative to the input reference
clock.
8.10
PLL Requirements
8.10.1
Jitter
The FBD link clocks are produced by a PLL that multiplies the SCLK frequency. See the
High Speed Differential Point-to-Point Link at 1.5 V for Fully Buffered DIMM
Specification and the Circuit Architecture Specifications for the DDR, FBD and PLL
custom I/Osfor more details.
8.10.2
PLL Bandwidth Requirements
The PLL -3dB loop bandwidth shall be between fREFCLK/18 and fREFCLK/6 with a 3dB
maximum peaking.
See the High Speed Differential Point-to-Point Link at 1.5 V for Fully Buffered DIMM
Specification and the Circuit Architecture Specifications for the DDR, FBD and PLL
custom I/Osfor more details.
8.10.3
External Reference
The PLL uses an external reference clock - described previously.
See the High Speed Differential Point-to-Point Link at 1.5 V for Fully Buffered DIMM
Specificationand the Circuit Architecture Specifications for the DDR, FBD and PLL
custom I/Os for more details.
SCL
SMBus clock
CKE[1:0]{A,B}
DDR clock enables
CLK[3:0]
DDR clocks
CLK[3:0]
DDR clocks (Complements)
DQS[17:0]
DDR data/check-bit strobes
DQS[17:0]
DDR data/check-bit strobes (Complements)
Table 8-3.
Clock Pins (Sheet 2 of 2)
Pin Name
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com