Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 46 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 46 Page - Intel Corporation

Back Button 6402 Datasheet HTML 42Page - Intel Corporation 6402 Datasheet HTML 43Page - Intel Corporation 6402 Datasheet HTML 44Page - Intel Corporation 6402 Datasheet HTML 45Page - Intel Corporation 6402 Datasheet HTML 46Page - Intel Corporation 6402 Datasheet HTML 47Page - Intel Corporation 6402 Datasheet HTML 48Page - Intel Corporation 6402 Datasheet HTML 49Page - Intel Corporation 6402 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 250 page
background image
Electrical, Power, and Thermal
46
Intel® 6400/6402 Advanced Memory Buffer Datasheet
4.4
DDR2 Electrical Output Timing Specifications
4.4.1
Description of DQ/DQS Alignment
The DQS output rising edge aligns with the CLK output rising edge and the DQS output
falling edge aligns with the CLK output falling edge. The DQ outputs are 1/4 cycle offset
from the DQS outputs.
DQ/DQS inputs are edge aligned and will be skewed by internal receiver DLL. Inputs
are terminated on-die by a resistive circuit during reads only.
4.4.2
Description of ADD/CMD/CNTL Outputs
ADD/CMD/CNTL outputs can be adjusted relative to CLK (see Table 4-8.) to improve
setup or hold times. The value of this delay is fixed at boot time. These outputs are
either aligned with CLK falling or with a certain timing offset before CLK falling. The
amount of offset is implementation specific (for example, can be a constant timing
offset, or a known ratio of the DRAM clock period).
4.4.3
Test Load Specification
DDR2 timings are specified for a 25 Ohm test load terminated to Vdd/2, measured at
the Advance Memory Buffer component package pins.
4.4.4
tDVA and tDVB Parameter Description
The timing parameters tDVA and tDVB indicate the time the DQ is valid after or before
DQS. tDVA is used to indicate the time that Data is Valid After. tDVA is used for DQ/
DQS write hold calculations (tDH). tDVB is used to indicate the time that Data is Valid
Before. tDVB is used for DQ/DQS write setup calculations (tDS).
4.4.5
tjit and tjitHP Parameter Description
The parameter tjit is the full period jitter, and tjitHP is the half-period jitter.
Figure 4-2. tDVA and tDVB Timing Diagram
DQS/DQS
From AMB
DQ From
AMB
tDVA
tDVB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com