Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 78 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 78 Page - Intel Corporation

Back Button 6402 Datasheet HTML 74Page - Intel Corporation 6402 Datasheet HTML 75Page - Intel Corporation 6402 Datasheet HTML 76Page - Intel Corporation 6402 Datasheet HTML 77Page - Intel Corporation 6402 Datasheet HTML 78Page - Intel Corporation 6402 Datasheet HTML 79Page - Intel Corporation 6402 Datasheet HTML 80Page - Intel Corporation 6402 Datasheet HTML 81Page - Intel Corporation 6402 Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 250 page
background image
SMBus Interface
78
Intel® 6400/6402 Advanced Memory Buffer Datasheet
• For repeaters or LAI AMBs:
— Slave Address[6:3] = 4’b0011
— Slave Address[2:0] = SA[2:0]
Each SMBus transaction has an 8-bit command driven by the master. The format for
this command is illustrated in Table 7-1 below.
The Begin bit indicates the first transaction of a read or write sequence.
The End bit indicates the last transaction of a read or write sequence.
The PEC_en bit enables the 8-bit PEC generation and checking logic.
The Internal Command field specifies the internal command to be issued by the SMBus
slave logic. Note that the Internal Command must remain consistent (that is, not
change) during a sequence that accesses a configuration register. Operation cannot be
guaranteed if it is not consistent when the command setup sequence is done.
The SMBus Command field specifies the SMBus command to be issued on the bus. This
field is used as an indication of the length of transfer so the slave knows when to
expect the PEC packet (if enabled).
Reserved bits should be written to zero to preserve future compatibility.
7.1.3
FBD AMB Register Access Protocols
Sequences of these basic commands will initiate internal accesses to the component’s
configuration registers.
Each configuration read or write first consists of an SMBus write sequence which
initializes the register’s address. The term sequence is used since these variables may
be written with a single block write or multiple word or byte writes. Once these
parameters are initialized, the SMBus master can initiate a read sequence (which
performs a configuration read) or a write sequence (which performs a configuration
write).
Table 7-1.
SMBus Command Encoding
765
4
3:2
1:0
Begin
End
Rsvd
PEC_en
Internal Command:
00 - Read DWord
01 - Write Byte
10 - Write Word
11 - Write DWord
SMBus Command:
00 - Byte
01 - Word
10 - Block
11 - Rsvd
Table 7-2.
SMBus Protocol Addressing Fields
Address Field
Name
Bits
Description
Reserved
7:0
Reserved - AMB may alias all these addresses to 00h
Dev
4:0
Reserved - AMB may alias all these addresses to 00h
Function
2:0
Function Address
Reg_Num[15:8]
7:0
Reserved - AMB may alias all these addresses to 00h
Reg_Num[7:0]
7:0
Register Address within Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com