Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 40 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 40 Page - Intel Corporation

Back Button 6402 Datasheet HTML 36Page - Intel Corporation 6402 Datasheet HTML 37Page - Intel Corporation 6402 Datasheet HTML 38Page - Intel Corporation 6402 Datasheet HTML 39Page - Intel Corporation 6402 Datasheet HTML 40Page - Intel Corporation 6402 Datasheet HTML 41Page - Intel Corporation 6402 Datasheet HTML 42Page - Intel Corporation 6402 Datasheet HTML 43Page - Intel Corporation 6402 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 250 page
background image
Electrical, Power, and Thermal
40
Intel® 6400/6402 Advanced Memory Buffer Datasheet
Idd_MemBIST
(for AMB spec,
Not in SPD)
MemBIST
Over all MemBIST
modes
>50% DRAM BW (as
dictated by the AMB)
Primary channel
Enabled
Secondary channel
Enabled
CKE high. Command
and Address lines stable
DRAM clock active
@1.5 V
3.3
3.8
A
@1.8 V
2.1
2.1
A
@3.3 V
A
Idd_MemBIST Total Power
W
Idd_EI
(for AMB spec,
Not in SPD)
Electrical Idle
DRAM Idle (0 BW)
Primary channel
Disabled
Secondary channel
Disabled
CKE low. Command and
Address lines Floated
DRAM clock active, ODT
and CKE driven low
@1.5 V
2.0
2.5
A
@1.8 V
0.2
0.2
A
@3.3 V
A
Idd_EI Total Power
W
IDD_S3
S3 Current
VDD = 1.9V
VCC = 0V
VTT = 0V
Across process
variations
Across the operating
TCASE temp range
DIMM types, R/C A, B,
C, D, E, H & J
VDD
(1.8V)
75
75
mA
Table 4-3.
Power Values for x8 DIMMS (Sheet 3 of 3)
533 MHz
667 MHz
Symbol
Conditions
Power
Supply
Thermal
Design
Max
Current
Thermal
Design
Max
Current
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com