Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 55 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 55 Page - Intel Corporation

Back Button 6402 Datasheet HTML 51Page - Intel Corporation 6402 Datasheet HTML 52Page - Intel Corporation 6402 Datasheet HTML 53Page - Intel Corporation 6402 Datasheet HTML 54Page - Intel Corporation 6402 Datasheet HTML 55Page - Intel Corporation 6402 Datasheet HTML 56Page - Intel Corporation 6402 Datasheet HTML 57Page - Intel Corporation 6402 Datasheet HTML 58Page - Intel Corporation 6402 Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
55
Debug and Logic Analyzer Mode
5.1.2
LAI Mode Clocking
To eliminate frequency drifts, the AMB on each DIMM and the chipset in an FBD channel
will be provided with a reference clock that is from a clock source common to the FBD
channel. A clock buffer will be placed on the LAI card to take the reference clock input
and provide the required two reference clocks for the LAI AMB and the attached DIMM
AMB.
5.1.3
LAI Mode Pins
The DDR pins designed in the AMB can be enabled to carry signals for the logic analyzer
debug and validation of the FBD channel. The LAI mode is selected by strapping the
following input pins on a AMB which has the LAI capability bit enabled.
SA[:0] = DIMM ID = 4b’11XX
The list below highlights the pins in the AMB that are dedicated for DDR, all of which
are not required to operate at speed equal to the DDR data rate.
Address/Command pins are specially designed in the AMB to be able to drive double
data rate to support the LAI functionality.
Figure 5-2. AMB LAI Mode Connectivity
Reference clock
Southbound In
Northbound Out
Southbound Out
Northbound In
1 x2
10 x2
14 x2
S[59:00]
CLK[p,n]
Southbound
and northbound
signals to
logic analyzer
To next DIMM
to the South
To MCH or
next DIMM
to the North
AMB in LAI Mode
10 x2
14 x2
60
1 x2
SMB
6
TRIG[10:0]
4
Shared signals to
logic analyzer
QUAL
1
MODE
1
FRAME
1
N[83:00]
84
EV[3:0]
4
Shared signals to
other trace Bds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com