Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 48 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 48 Page - Intel Corporation

Back Button 6402 Datasheet HTML 44Page - Intel Corporation 6402 Datasheet HTML 45Page - Intel Corporation 6402 Datasheet HTML 46Page - Intel Corporation 6402 Datasheet HTML 47Page - Intel Corporation 6402 Datasheet HTML 48Page - Intel Corporation 6402 Datasheet HTML 49Page - Intel Corporation 6402 Datasheet HTML 50Page - Intel Corporation 6402 Datasheet HTML 51Page - Intel Corporation 6402 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 250 page
background image
Electrical, Power, and Thermal
48
Intel® 6400/6402 Advanced Memory Buffer Datasheet
4.4.8
DQ and CB (ECC) Setup/Hold Relationships to/from DQS
(Read Operation)
Table 4-7 shows the timing diagram for tHDamb and tSUamb. The data is launched
from the DRAM “edge aligned,” meaning that the DQ data signals switch coincident with
the DQS strobe rising and falling edges. Internal to the Advance Memory Buffer, the
DQS strobe is delayed by approximately a quarter clock, and this delayed clock is then
used to capture the DQ data. Thus, the setup time tSUamb is negative, meaning that
the data can arrive at the Advance Memory Buffer inputs after the strobe, and tHDamb
is greater than a quarter clock, so that the data will not change until after it has been
captured by the internally delayed strobe. The Advance Memory Buffer determines the
correct internal delay of strobe DQS based on a search of the data eye during the
initialization of the system. The tHDamb and tSUamb specifications are based on an
idealized data eye, where the search delays the strobe by exactly one quarter clock.
The sum of tHDamb and tSUamb is equivalent to the minimum data valid window at
the Advance Memory Buffer inputs.
Figure 4-6. TDQSCK Timing Diagram
CLK (AMB)
CLK (AMB)
DQS (AMB)
0.5xVCC
TDQSCK
TDQSCK
Figure 4-7. DQ and CB (ECC) Setup/Hold Relationship to/from DQS Timing Diagram
observed at pins
DQS (AMB)
observed at pins
delayed internally
DQS (AMB)
delayed internally
DQ, CB (AMB)
observed at pins
tSUamb
tHDamb
tHDamb
DQS Delay
(90 deg. nom.)
tSUamb
DQS (AMB)
DQS (AMB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com