Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 79 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 79 Page - Intel Corporation

Back Button 6402 Datasheet HTML 75Page - Intel Corporation 6402 Datasheet HTML 76Page - Intel Corporation 6402 Datasheet HTML 77Page - Intel Corporation 6402 Datasheet HTML 78Page - Intel Corporation 6402 Datasheet HTML 79Page - Intel Corporation 6402 Datasheet HTML 80Page - Intel Corporation 6402 Datasheet HTML 81Page - Intel Corporation 6402 Datasheet HTML 82Page - Intel Corporation 6402 Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
79
SMBus Interface
7.1.3.1
Configuration Register Read Protocol
Configuration reads are accomplished through an SMBus write(s) and later followed by
an SMBus read. The write sequence is used to initialize the Bus Number, Device,
Function, and Register Number for the configuration access. The writing of this
information can be accomplished through any combination of the supported SMBus
write commands (Block, Word, or Byte). The Internal Command field for each write
should specify Read DWord.
After all the information is set up, the last write (End bit is set) initiates an internal
configuration read. If an error occurs during the internal access, the last write
command will receive a NACK. A status field indicates abnormal termination and
contains status information such as target abort, master abort, and time-outs. The
status field encoding is defined in the following table.
Examples of configuration reads are illustrated below. All of these examples have PEC
(Packet Error Code) enabled. If the master does not support PEC, then bit 4 of the
command would be cleared and there would not be a PEC phase. For the definition of
the diagram conventions below, refer to the SMBus Specification, Rev. 2.0. For SMBus
read transactions, the last byte of data (or the PEC byte if enabled) is NACKed by the
master to indicate the end of the transaction. For diagram compactness, “Register
Number[]” is also sometimes referred to as “Reg Number” or “Reg Num”.
The following example uses byte reads.
Table 7-3.
Status Field Encoding for SMBus Reads
Bit
Description
7
Reserved
6
Reserved
5
Reserved
4
Internal Target Abort
3:1
Reserved
0
Successful
Figure 7-1. SMBus Configuration Read (Block Write / Block Read, PEC Enabled)
S
X011_XXX
W A
Cmd = 11010010
A
Sr
X011_XXX
R A
Byte Count = 5
A
Status
A
Data[31:24]
A
Data[23:16]
A
Data[15:8]
A
Data[7:0]
A
S
X011_XXX
W A
Cmd = 11010010
A
Byte Count = 4
A
Reserved
A
Device/Function
A
Reg Number[15:8]
A
Reg Number [7:0]
A
PEC
A P
PEC
N P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com