Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 13 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 6402 Datasheet HTML 9Page - Intel Corporation 6402 Datasheet HTML 10Page - Intel Corporation 6402 Datasheet HTML 11Page - Intel Corporation 6402 Datasheet HTML 12Page - Intel Corporation 6402 Datasheet HTML 13Page - Intel Corporation 6402 Datasheet HTML 14Page - Intel Corporation 6402 Datasheet HTML 15Page - Intel Corporation 6402 Datasheet HTML 16Page - Intel Corporation 6402 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
13
Introduction
1.3
Interfaces
Figure 1-2 illustrates the AMB and all of its interfaces. They consist of two FBD links,
one DDR2 channel, and an SMBus interface. Each FBD link connects the AMB to a host
memory controller or an adjacent FBD. The DDR2 channel supports direct connection to
the DDR2 SDRAMs on a Fully Buffered DIMM.
Figure 1-1. Advanced Memory Buffer Block Diagram
PLL
Ref Clock
Southbound
Data In
1x2
10x2
DRAM Clock
4
10x2
Southbound
Data Out
DRAM
Data / Strobe
72 + 18x2
Northbound
Data Out
Northbound
Data In
DRAM Clock #
4
DRAM Address /
Command Copy 1
29
NORTH
SOUTH
Data CRC Gen
& Read FIFO
36
deep
Write
Data
FIFO
Data Out
Cmd Out
Sync & Idle
Pattern
Generator
Command
Decoder &
CRC Check
External MEMBIST
DDR Calibration &
DDR IOBIST/DFX
Data In
SMbus
Controller
SMBus
Thermal
Sensor
mux
IBIST - RX
Link Init SM
and Control
and CSRs
14x2
mux
failover
14*6*2
IBIST - RX
LAI Logic
NB LAI Buffer
DRAM Address /
Command Copy 2
29
DDR State
Controller
and CSRs
LAI
Controller
14x2
failover
DRAM Cmd
Core Control
and CSRs
Reset
s
Init
patterns
Data Merge
Re-synch
Re-Time
PISO
demux
10*12
10*12
Data Merge
Re-synch
Re-Time
PISO
demux
Link Init SM
and Control
and CSRs
14*12
2/03/04
Advance Memory Buffer
Block DIagram
IBIST - TX
IBIST - TX
Reset
Control
Reset#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com