Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 38 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 38 Page - Intel Corporation

Back Button 6402 Datasheet HTML 34Page - Intel Corporation 6402 Datasheet HTML 35Page - Intel Corporation 6402 Datasheet HTML 36Page - Intel Corporation 6402 Datasheet HTML 37Page - Intel Corporation 6402 Datasheet HTML 38Page - Intel Corporation 6402 Datasheet HTML 39Page - Intel Corporation 6402 Datasheet HTML 40Page - Intel Corporation 6402 Datasheet HTML 41Page - Intel Corporation 6402 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 250 page
background image
Electrical, Power, and Thermal
38
Intel® 6400/6402 Advanced Memory Buffer Datasheet
4.1.3
AMB Power Specifications
Table 4-3 contains the AMB power specifications related to parameters stored in the
SPD for the AMB .
Table 4-3.
Power Values for x8 DIMMS (Sheet 1 of 3)
533 MHz
667 MHz
Symbol
Conditions
Power
Supply
Thermal
Design
Max
Current
Thermal
Design
Max
Current
Units
Notes
Idd_Idle_0
Idle Current, single or
last DIMM
L0 state, idle (0 BW)
Primary channel
enabled, Secondary
Channel Disabled
CKE high. Command
and address lines
stable.
DRAM clock active.
@1.5 V
2.1
2.2
2.4
2.6
A
@1.8 V
0.6
0.7
0.6
0.7
A
@3.3 V
A
Idd_Idle_0 Total Power
3.5
4.0
W
Idd_Idle_1
Idle Current, first DIMM
L0 state, idle (0 BW)
Primary and Secondary
channels enabled
CKE high. Command
and address lines
stable.
DRAM clock active.
@1.5 V
2.7
3.0
3.1
3.4
A
@1.8 V
0.6
0.7
0.6
0.7
A
@3.3 V
A
Idd_Idle_1 Total Power
4.6
5.1
W
Idd_TDP_0
(for AMB spec,
Not in SPD)
Active Power, TDP BW,
Single or Last DIMM
L0 state
TDP Channel BW =
2.0GB/s@533; 2.4GB/
s@667;
DIMM BW = 2.0GB/
s@533; 2.4GB/s@667;
67% read, 33% write.
Primary channel
Enabled
Secondary channel
Disabled
CKE high. Command
and Address
@1.5 V
2.4
2.6
2.8
3.0
A
@1.8 V
1.1
1.3
1.2
1.3
A
@3.3 V
A
Idd_TDP_0 Total Power
5.2
5.8
W
Idd_TDP_1
(for AMB spec,
Not in SPD)
Active Power, TDP BW,
First DIMM
L0 state
TDP Channel BW =
2.0GB/s@533; 2.4GB/
s@667;
DIMM BW =2/3 Channel
BW = 1.3GB/s@533;
1.6GB/s@667;
67% read, 33% write.
Primary channel
Enabled
Secondary channel
Enabled
CKE high. Command
and Ad
@1.5 V
3.0
3.3
3.5
3.8
A
@1.8 V
0.9
1.0
0.9
1.0
A
@3.3 V
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com