Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 42 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 42 Page - Intel Corporation

Back Button 6402 Datasheet HTML 38Page - Intel Corporation 6402 Datasheet HTML 39Page - Intel Corporation 6402 Datasheet HTML 40Page - Intel Corporation 6402 Datasheet HTML 41Page - Intel Corporation 6402 Datasheet HTML 42Page - Intel Corporation 6402 Datasheet HTML 43Page - Intel Corporation 6402 Datasheet HTML 44Page - Intel Corporation 6402 Datasheet HTML 45Page - Intel Corporation 6402 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 250 page
background image
Electrical, Power, and Thermal
42
Intel® 6400/6402 Advanced Memory Buffer Datasheet
Idd_Active_
2
Active Power, data pass
through
L0 state.
50% DRAM BW to downstream
DIMM, 67% read, 33% write.
Primary and Secondary
channels enabled
CKE high. Command and
address lines stable.
DRAM clock active.
@1.5 V
2.9
3.2
3.3
3.7
A
@1.8 V
0.9
0.9
0.9
0.9
A
@3.3 V
A
Idd_Active_2 Total Power
5.5
6.1
W
Idd_Training
(for AMB
spec, Not in
SPD)
Training
Primary and Secondary
channels enabled.
100% toggle on all channel
lanes
DRAMs idle. 0 BW.
CKE high, Command and
address lines stable.
DRAM clock active.
@1.5 V
3.5
4.0
A
@1.8 V
0.9
0.9
A
@3.3 V
A
Idd_Training Total Power
W
Idd_IBIST
(for AMB
spec, Not in
SPD)
IBIST
Over all IBIST modes
DRAM Idle (0 BW)
Primary channel Enabled
Secondary channel Enabled
CKE high. Command and
Address lines stable
DRAM clock active
@1.5 V
3.8
4.5
A
@1.8 V
0.9
0.9
A
@3.3 V
A
Idd_IBIST Total Power
W
Idd_MemBI
ST
(for AMB
spec, Not in
SPD)
MemBIST
Over all MemBIST modes
>50% DRAM BW (as dictated
by the AMB)
Primary channel Enabled
Secondary channel Enabled
CKE high. Command and
Address lines stable
DRAM clock active
@1.5 V
3.3
3.8
A
@1.8 V
2.4
2.4
A
@3.3 V
A
Idd_MemBIST Total Power
W
Table 4-4.
Power Values for x4 DIMMs (Sheet 2 of 3)
533 MHz
667 MHz
Symbol
Conditions
Power
Supply
Thermal
Design
Max
Current
Thermal
Design
Max
Current
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com