Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6402 Datasheet(PDF) 88 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 88 Page - Intel Corporation

Back Button 6402 Datasheet HTML 84Page - Intel Corporation 6402 Datasheet HTML 85Page - Intel Corporation 6402 Datasheet HTML 86Page - Intel Corporation 6402 Datasheet HTML 87Page - Intel Corporation 6402 Datasheet HTML 88Page - Intel Corporation 6402 Datasheet HTML 89Page - Intel Corporation 6402 Datasheet HTML 90Page - Intel Corporation 6402 Datasheet HTML 91Page - Intel Corporation 6402 Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 250 page
background image
Clocking
88
Intel® 6400/6402 Advanced Memory Buffer Datasheet
8.10.4
Spread Spectrum Support
The AMB PLL will support Spread Spectrum Clocking (SSC). SSC is a frequency
modulation technique for EMI reduction. Instead of maintaining a constant frequency,
SSC modulates the clock frequency/period along a modulation profile.The AMB is
designed to support a nominal modulation frequency of 30-33 kHz with a downspread
of 0.5%.
See the High Speed Differential Point-to-Point Link at 1.5 V for Fully Buffered DIMM
Specification and the Circuit Architecture Specifications for the DDR, FBD and PLL
custom I/Os for more details.
8.10.5
Frequency of Operation
The PLL’s support a range of operation that exceeds the AMB’s functional range. This
allows the AMB to be tested at a higher frequency than the maximum specification to
provide test guardband. Lower frequencies are supported to allow system debug. The
PLL will also operate with the REFCLK at 100 MHz during transparent mode testing.
8.10.6
RESET#
The externally generated RESET# signal indicates when the core voltage is up and
reference clocks are stable. The core will use an asserted RESET# to asynchronously
put the AMB in reset, and to hold the AMB in reset. For details see the reset chapter.
External clocks dependent on PLL’s are DDR clocks and strobes, and SMBus clock.
8.10.7
Other PLL Characteristics
The PLL VCOs oscillate continually from power-up. At all other times, PLL output
dividers track the VCO, providing pulses to the clock trees. Logic that does not receive
an asynchronous reset can thus be reset “synchronously”.
A “locked” PLL will only serve to prove that the feedback loop is continuous. It will not
prove that the entire clock tree is continuous. The PLL is disabled for leakage test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com