Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 49Page - STMicroelectronics L6460 Datasheet HTML 50Page - STMicroelectronics L6460 Datasheet HTML 51Page - STMicroelectronics L6460 Datasheet HTML 52Page - STMicroelectronics L6460 Datasheet HTML 53Page - STMicroelectronics L6460 Datasheet HTML 54Page - STMicroelectronics L6460 Datasheet HTML 55Page - STMicroelectronics L6460 Datasheet HTML 56Page - STMicroelectronics L6460 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 139 page
background image
L6460
Switching regulator controller
Doc ID 17713 Rev 1
53/139
Figure 12.
Switching regulator controller functional blocks
13.1
Pulse skipping operation
Pulse skipping strategy has already been explained on main switching regulator section.
This regulator has 4 possible PWM duty cycles that can be changed writing in the
SelSwCtrPWM bits in the SwCtrCfg register using SPI.
Vout
La
Vsupply
C
Driver
Control
Logic
CurrentSense
Charge pump Voltage
Voltage
Loop Control
VFBRef
-
+
Under voltage
Threshold
Filter
Ra
Rb
From Central Logic
Regulator Freq
-
+
To Central Logic
undervoltage flag
Rsense
VSWDRV_gate
N-CH Fet
Vref = 3 V
Vref=0.8V
SelFBRef[1:0]
Uv Threshold 1
SelFBRef
Uv Threshold 2
Vref = 3V
Vref=0.8V
VSWDRV FB
VSWDRV SW
VSWDRW_sns
Table 12.
Switching regulator controller PWM specification
SwCtrCfg register
Duty cycle value
Comments
SelSwCtrPWM[1:0]
Typical
00
9%
01
12%
10
22.5%
Default state
11
58%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com