Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 45Page - STMicroelectronics L6460 Datasheet HTML 46Page - STMicroelectronics L6460 Datasheet HTML 47Page - STMicroelectronics L6460 Datasheet HTML 48Page - STMicroelectronics L6460 Datasheet HTML 49Page - STMicroelectronics L6460 Datasheet HTML 50Page - STMicroelectronics L6460 Datasheet HTML 51Page - STMicroelectronics L6460 Datasheet HTML 52Page - STMicroelectronics L6460 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 139 page
background image
L6460
Linear main regulator
Doc ID 17713 Rev 1
49/139
Figure 10.
Linear main regulator with external bipolar for high current
Whichever configuration is used (regulator or controller), a ceramic capacitor must be
connected on the output pin towards ground to guarantee the stability of the regulator; the
value of this capacitance is in the range of 100 nF to 1 µF depending on the regulated
voltage;
VLINmain_OUT = 0.8 V --> 1 µF
0.8V< VLINmain_OUT < 2.5 V --> 0.68 µF
2.5V= VLINmain_OUT 5 V --> 0.33 µF
VLINmain_OUT > 5 V --> 0.1 F
When this regulator is disabled, the whole circuit is switched off and the current
consumption is reduced to a very low level both from V3v3 and from VSupply. When in this
condition, the output pin is pulled low by an internal switch.
VLINmain_Ref
+
-
Body Diode
Cload
Ra
Rb
VLINmain_FB
Vsupply
VLINmain_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com