Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 19Page - STMicroelectronics L6460 Datasheet HTML 20Page - STMicroelectronics L6460 Datasheet HTML 21Page - STMicroelectronics L6460 Datasheet HTML 22Page - STMicroelectronics L6460 Datasheet HTML 23Page - STMicroelectronics L6460 Datasheet HTML 24Page - STMicroelectronics L6460 Datasheet HTML 25Page - STMicroelectronics L6460 Datasheet HTML 26Page - STMicroelectronics L6460 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 139 page
background image
L6460
Electrical specifications
Doc ID 17713 Rev 1
23/139
VFBREF
Synchronous buck regulator
feedback reference voltage
SelFBRef = ‘00’
0.776
0.8
0.824
V
SelFBRef = ‘01’ (21)
0.97
1
1.03
V
SelFBRef = ‘10’ (22)
2.425
2.5
2.575
V
SelFBRef = ‘11’
2.91
3
3.09
V
IGPIO_FB
GPIO feedback pin current
Tjunction = 125°C
0V
≤Feedback ≤ 3V
-15
15
µA
Vout
Output voltage range
VSupply = 36V
(23)
0.8
30
V
Iload
Output load current
VSupply = 36V
0.002
1.5
A
RDSonHS
Internal high/low side RDSon
Tjunction = 125°C; Iload=1A
0.6
0.8
Ω
Vloop
Loop voltage accuracy
±3%
VREG_UV_f
Under voltage falling threshold (24)
84.5
87
89.5
%
VREG_UV_r
Under voltage rising threshold
(24)
90.5
93
95.5
%
VREG_UV_hys
Under voltage hysteresis
6
%
taux_UV
Under voltage deglitch filter
5
µs
Ilimit
Current limit protection
1.6
2.5
A
tdeglitch
Current limit deglitch time
50
ns
tI_lim
Current limit response time
Normal operating mode
(no UV) (11)
480
700
ns
tI_limUV
Current limit response time in
UV condition.
UV condition (12)
350
500
ns
tr
Switching output rise time
VSupply = 36V,
RLOAD = 422 Ω
(25)
530
ns
tf
Switching output fall time
VSupply = 36V,
RLOAD = 10 Ω
(23)
10
50
ns
tdead
Crossover dead time
100
ns
FREGPWM
Operating frequency
Fosc/64
kHz
Battery charger (Bridge 4)
VAUX3_SW
Output pin voltage range
(DC4x)
(26)
-1
VSupply
V
IQ
Output leakage current
Tjunction = 125°C
-100
+100
µA
VFBRef
Battery charger control loop
feedback reference voltage
SelFBRef = ‘00’
1.37
1.412
1.455
V
SelFBRef = ‘01’ (8)
1.746
1.8
1.854
V
SelFBRef = ‘10’
2.079
2.143
2.207
V
SelFBRef = ‘11’
2.425
2.5
2.575
V
Table 5.
Electrical characteristics (continued)
Parameter
Description
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com