Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 28Page - STMicroelectronics L6460 Datasheet HTML 29Page - STMicroelectronics L6460 Datasheet HTML 30Page - STMicroelectronics L6460 Datasheet HTML 31Page - STMicroelectronics L6460 Datasheet HTML 32Page - STMicroelectronics L6460 Datasheet HTML 33Page - STMicroelectronics L6460 Datasheet HTML 34Page - STMicroelectronics L6460 Datasheet HTML 35Page - STMicroelectronics L6460 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 139 page
background image
Supervisory system
L6460
32/139
Doc ID 17713 Rev 1
5
Supervisory system
The supervisory circuitry monitors the state of several functions inside L6460 and resets the
device (and other ICs if connected to nRESET pin) when the monitored functions are
outside their normal range. Supervisory circuitry can be divided into three main blocks:
Power on reset (POR) generation circuitry.
nRESET (nRST_int) generation circuitry.
Thermal shut down (TSD) generation circuitry.
POR circuitry monitors the voltages that L6460 needs to guarantee its own functionality;
nRESET circuitry controls if L6460’s main voltages are inside the normal range; TSD is the
thermal shut down of the chip in case of overheating.
5.1
Power on reset (POR) circuit
Power on reset circuit monitors VSupply, and V3V3 voltages. The purpose of this circuit is to
set the device is in a stable and controlled status until the minimum supply voltages that
guarantee the device functionality are reached. The output signal of this circuit (in the
following indicated as “POR”) becomes active when VSupply or V3V3 go under their falling
threshold.
When POR output signal is active, all functions and all flags inside L6460 are set in their
reset state; once POR signal comes back from off state (meaning monitored voltages are
above their rising threshold), the power up sequence is re-initialized.
5.2
nRESET generation circuit
The nRESET circuit monitors VSupply, VSupplyInt, VPump, VGPIO_SPI and all system regulators
(VSystem) voltages. The purpose of this circuit is to prevent the device functionality until the
monitored voltages reach their operative value (please note that V3v3 is monitored by POR,
so it must be above its minimum value, otherwise nRESET circuit is not active).
This circuit generates an internal reset signal (in the following indicated as “nRST_int”) that
will also be signaled to external circuits by pulling low the nRESET pin.
The signal nRST_int becomes active in the following cases:
1.
When one of the following voltages is lower than its own under voltage threshold:
–VSupply and VSupplyInt.
–VPump.
–VSystem (all switching or linear system regulators voltages).
–VGPIO_SPI.
2.
When watchdog timer counter (see Chapter 6) elapse the watchdog timeout time (only
if watchdog function is enabled).
3.
When L6460 is in “Low Power mode”.
4.
When EnExtSoftRst bit in SoftResReg register is at logic level = “1” and a “SoftRes”
command is applied (see SoftResReg register description in Chapter 25).
When an nRST_int event is caused by above cases, the nRESET pin will stay low for a
“stretch” time that starts from the moment that nRST_int signal returns in the operative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com