Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 14Page - STMicroelectronics L6460 Datasheet HTML 15Page - STMicroelectronics L6460 Datasheet HTML 16Page - STMicroelectronics L6460 Datasheet HTML 17Page - STMicroelectronics L6460 Datasheet HTML 18Page - STMicroelectronics L6460 Datasheet HTML 19Page - STMicroelectronics L6460 Datasheet HTML 20Page - STMicroelectronics L6460 Datasheet HTML 21Page - STMicroelectronics L6460 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 139 page
background image
Electrical specifications
L6460
18/139
Doc ID 17713 Rev 1
tnRST_fall
nRESET fall time
I=1mA
C=50pF(3)
15
ns
tnRST_del
nRESET delay time
(4)
150
ns
VSupply_UV_f
VSupply falling threshold
10.2
11
11.8
V
VSupply_UV_r
VSupply rising threshold
10.5
11.5
12.5
V
VSupply_UV_hys
VSupply hysteresis
0.3
0.5
0.7
V
tSupply_UV
VSupply UV filter time
3.5
µs
VS_Int_UV_f
VSupplyInt falling threshold
9.7
10.7
11.7
V
VS_Int_UV_r
VSupplyInt rising threshold
10.6
11.4
12.2
V
VS_Int_UV_hys
VSupplyInt hysteresis
0.4
0.7
1
V
tS_Int_UV
VSupplyInt UV filter time
3.5
µs
VPump_UV_f
VPump falling threshold
VSupply
+7
VSupply
+ 7.5
VSupply
+ 8
V
VPump_UV_r
VPump rising threshold
VSupply
+ 7.5
VSupply
+ 8
VSupply
+ 8.5
V
VPump_UV_hys
VPump hysteresis
0.3
0.5
0.7
V
tPump_UV
VPump UV filter time
3.5
µs
VGPIO_SPI_UV_f VGPIO_SPI falling threshold
1.8
2
V
VGPIO_SPI_UV_r VGPIO_SPI rising threshold
2.2
2.4
V
VGPIO_SPI_hys
VGPIO_SPI hysteresis
200
250
300
mV
tGPIO_SPI_UV
VGPIO_SPI UV filter time
3.5
µs
TSD circuit
TTSD
Thermal shut down
temperature
170
°C
TWARM
Warming temperature
140
°C
TDIFF
Thermal shut down to warming
difference
30
°C
tTSD_FILT
Thermal shut down filter time
8
µs
tWARM_FILT
Warming filter time
8
µs
Watchdog
WD_Tclk
Watchdog clock period
Tosc *
222
s
Internal clock
Fosc
Oscillator frequency
V3V3 = 3.3 V
14.1
16
17.6
MHz
nAWAKE function
VIL
nAWAKE low logic level
voltage
0.8
V
Table 5.
Electrical characteristics (continued)
Parameter
Description
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com