Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 22Page - STMicroelectronics L6460 Datasheet HTML 23Page - STMicroelectronics L6460 Datasheet HTML 24Page - STMicroelectronics L6460 Datasheet HTML 25Page - STMicroelectronics L6460 Datasheet HTML 26Page - STMicroelectronics L6460 Datasheet HTML 27Page - STMicroelectronics L6460 Datasheet HTML 28Page - STMicroelectronics L6460 Datasheet HTML 29Page - STMicroelectronics L6460 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 139 page
background image
Electrical specifications
L6460
26/139
Doc ID 17713 Rev 1
VOp1PlusRef
VOp2PlusRef
Operational amplifier 1 and 2
reference voltage
OpxRef[1:0]=00
OpxRef[1:0]=01
OpxRef[1:0]=10
OpxRef[1:0]=11
0.97
1.6
1.94
2.425
1
1.65
2
2.5
1.03
1.7
2.06
2.575
V
Avd
Open loop gain
VICM=1.65V
ILOAD= 0mA
90
dB
CMRR
Common mode rejection ratio
80
110
dB
PSRR
Power supply rejection ratio
ILOAD= ±6mA
VICM=1.65V
90
dB
I in _offs
Input offset current
-150
150
nA
I in _bias
Input bias current
-500
500
nA
V in _offs
Input offset voltage
-5
5
mV
GBWP
Gain bandwidth product
Cload=100pF VICM=1.65V
Rload=330 Ω to VGPIO_SPI
2MHz
Iout
Output current
Vout=1.65V
10
mA
Ishort_max
Short circuit current
12
20
mA
SR
Slew rate
Iload= 0
CLOAD=100pF
1.3
1.75
V/µs
Operational amplifier used as comparator (40) (41)
VOUT_MAX
Output voltage
Iload =± 10mA
0.3
2.9
V
tOFF
Turn off propagation delay
VCM = 1.65V
Δ Vi = -/+ 20mV
CLOAD=100pF
(42)(43)
0.6
1
µs
tFALL
Fall time
VCM = 1.65V
Δ Vi = -/+ 20mV
CLOAD=100pF
(42)(43)
0.15
0.4
µs
tON
Turn on propagation delay
VCM = 1.65V
Δ Vi = -/+ 20mV
CLOAD=100pF
(42)(43)
0.25
0.5
µs
tRISE
Rise time
VCM = 1.65V
Δ Vi = -/+ 20mV
CLOAD=100pF
(42)(43)
0.2
0.4
µs
Low power switch
VPSW
Input voltage range
2.4
3.6
V
VOUT_MAX
Output voltage
VGPIO_
SPI
V
RDSon
Switch RDSon resistance
Iload=100mA
0.6
1
Ω
ILIMIT
Current limit
150
250
350
mA
tdeglitch
Current limit deglitch time
50
ns
Table 5.
Electrical characteristics (continued)
Parameter
Description
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com