Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 8Page - STMicroelectronics L6460 Datasheet HTML 9Page - STMicroelectronics L6460 Datasheet HTML 10Page - STMicroelectronics L6460 Datasheet HTML 11Page - STMicroelectronics L6460 Datasheet HTML 12Page - STMicroelectronics L6460 Datasheet HTML 13Page - STMicroelectronics L6460 Datasheet HTML 14Page - STMicroelectronics L6460 Datasheet HTML 15Page - STMicroelectronics L6460 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 139 page
background image
General description
L6460
12/139
Doc ID 17713 Rev 1
1.3
Pin list
Table 2.
Pins configuration
Pin #
Pin name
Description
Type
1
DC1_PLUS
Bridge 1 phase “plus” output
Output
2VSWDRV_SNS Switching regulator controller sense
Analog input
3VSWDRV_FB
Switching regulator controller feedback
Analog input
4
GPIO4
General purpose I/O
Analog In/Out - CMOS bi-dir
5
GPIO3
General purpose I/O
Analog In/Out - CMOS bi-dir
6
DC1_MINUS Bridge 1 phase “minus” output
Output
7
DC1_MINUS Bridge 1 phase “minus” output
Output
8
GND1
Ground pin for bridge1(1)(2)(3)
Power/digital
9
GND2
Ground pin for bridge2(1)(2)(3)
Power/digital
10
DC2_MINUS Bridge 2 phase “minus” output
Output
11
DC2_MINUS Bridge 2 phase “minus” output
Output
12
GPIO2
General purpose I/O
Analog In/Out - CMOS bi-dir
13
GPIO1
General purpose I/O
Analog In/Out - CMOS bi-dir
14
GPIO0
General purpose I/O
Analog Input - CMOS input
15
nSS
SPI chip select pin
CMOS input
16
DC2_PLUS
Bridge 2 phase “plus” output
Output
17
DC2_PLUS
Bridge 2 phase “plus” output
Output
18
VSupply
Main voltage supply
Power input
19
MISO
SPI serial data output
CMOS output
20
MOSI
SPI serial data input
CMOS input
21
VLINmain_FB
Linear main regulator feedback
Analog input
22
VLINmain_OUT Linear main regulator output
Power output
23
GPIO 8
General purpose I/O
Analog In/Out - CMOS bi-dir
24
VSWmain_SW Main switching regulator switching output
Power output
25
VSupply
Main voltage supply
Power Input
26
VSWmain_FB
Main switching regulator feedback pin
Analog input
27
VREF_FB
Regulator voltage feedback
Analog input
28
IREF_FB
Regulator current feedback
Analog input
29
SCLK
SPI input clock pin
CMOS input
30
VSupply
Main voltage supply
Power input
31
DC4_PLUS
Bridge 4 phase “plus” output
Output
32
N.C.
Not connected
33
DC4_SENSE Bridge 4 sense output(4)
Output
34
nAWAKE
Device wake up
CMOS input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com