Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 23Page - STMicroelectronics L6460 Datasheet HTML 24Page - STMicroelectronics L6460 Datasheet HTML 25Page - STMicroelectronics L6460 Datasheet HTML 26Page - STMicroelectronics L6460 Datasheet HTML 27Page - STMicroelectronics L6460 Datasheet HTML 28Page - STMicroelectronics L6460 Datasheet HTML 29Page - STMicroelectronics L6460 Datasheet HTML 30Page - STMicroelectronics L6460 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 139 page
background image
L6460
Electrical specifications
Doc ID 17713 Rev 1
27/139
tI_lim
Current limit response time
650
ns
CLOAD
Max load capacitance
2.5
µF
tON
Turn on propagation delay
VGPIO_SPI=3.3V ILOAD=1mA
CLOAD=100pF
(44)
450
650
ns
tOFF
Turn off propagation delay
VGPIO_SPI=3.3V
ILOAD=1mA
CLOAD=100pF
(44)
250
450
ns
Interrupt controller
tPULSE
Pulse duration
16*Tosc
µs
tINTFILT
Filter time
200
ns
GPIO[0], GPIO[1], GPIO[2], GPIO[3], GPIO[4], GPIO[6]
VIH
High level input voltage
1.6
V
VIL
Low level input voltage
0.8
V
VHYS
Input voltage hysteresis
0.15
0.22
V
VOL
Low level output voltage
IOUT = 15mA
0.5
V
ILEAKAGE
Leakage current
0
≤ V
out ≤ V3v3
-1
1
µA
tDELAY
Delay from serial write to pin
Low
CLOAD =50 pF
(45)
500
ns
GPIO[5], GPIO[7], GPIO[9], GPIO[10], GPIO[11], GPIO[12], GPIO[13], GPIO[14]
VIH
High level input voltage
1.6
V
VIL
Low level input voltage
0.8
V
VHYS
Input voltage hysteresis
0.15
0.22
V
VOL
Low level output voltage
IOUT = 15mA
0.5
V
VOH
High level output voltage
IOUT = 5mA
2.75
V
ILEAKAGE
Leakage current
0
≤V
out ≤ V3v3
-1
1
µA
tDELAY
Delay from serial write to pin
low
CLOAD =50 pF
(45)
500
ns
GPIO[8]
VIH
High level input voltage
1.6
V
VIL
Low level input voltage
0.8
V
VHYS
Input voltage hysteresis
0.13
0.22
V
VOL
Low level output voltage
IOUT = 15mA,
0.4
V
ILEAK_0
Leakage current
EnGpio8DigIn=0,
0
≤ Vout ≤ 5V
-1
1
µA
ILEAK_1
Leakage current
EnGpio8DigIn=1,
0
≤ Vout ≤ 5V
-1
5
µA
Table 5.
Electrical characteristics (continued)
Parameter
Description
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com