Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 35Page - STMicroelectronics L6460 Datasheet HTML 36Page - STMicroelectronics L6460 Datasheet HTML 37Page - STMicroelectronics L6460 Datasheet HTML 38Page - STMicroelectronics L6460 Datasheet HTML 39Page - STMicroelectronics L6460 Datasheet HTML 40Page - STMicroelectronics L6460 Datasheet HTML 41Page - STMicroelectronics L6460 Datasheet HTML 42Page - STMicroelectronics L6460 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 139 page
background image
L6460
Start-up configurations
Doc ID 17713 Rev 1
39/139
8
Start-up configurations
L6460 start-up configuration is selected by setting in different states the GPIO[0], GPIO[3]
and GPIO[4] pins. Each of these is a three state input pin and is able to distinguish among
the following situations:
Note:
“Shorted” means: R
1KOhm; “Z” means: R10KOhm, C200pF
8.1
Operation modes
When VSupply voltage is applied to L6460, the internal regulator V3v3, used to supply the
logic circuits inside the device, starts its functionality. When it reaches its final value, L6460
enables the GPIO[0] pin state read circuitry, and, after a time TpinSample, it will sample the
GPIO[0] state. If it is found to be in high impedance, L6460 does not consider GPIO[3] and
GPIO[4] pins state and starts its “Basic device” mode sequence. If GPIO[0] is found to be
connected to ground or to V3v3, L6460 checks the state of GPIO[3] and GPIO[4] pins to
select its start-up configuration.
The possible configurations can be classified in four “Major” modes:
1.
Basic device.
2.
Slave device.
3.
Master device.
4.
Single device.
Hereafter is reported the correspondence table between GPIO[X] state and L6460
configurations.
Table 8.
Possible start-up pins state symbol
Pin condition
State symbol
Shorted to ground
0
Shorted to V3v3 pin
1
Floating
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com