Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 11Page - STMicroelectronics L6460 Datasheet HTML 12Page - STMicroelectronics L6460 Datasheet HTML 13Page - STMicroelectronics L6460 Datasheet HTML 14Page - STMicroelectronics L6460 Datasheet HTML 15Page - STMicroelectronics L6460 Datasheet HTML 16Page - STMicroelectronics L6460 Datasheet HTML 17Page - STMicroelectronics L6460 Datasheet HTML 18Page - STMicroelectronics L6460 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 139 page
background image
L6460
L6460’s main features
Doc ID 17713 Rev 1
15/139
voltages. This regulator can be used to drive an external bipolar pass transistor to
generate high current/low ripple output voltages.
●
One bidirectional serial interface with address detection so that different ICs can share
the same data bus.
●
Integrated power sequencing and supervisory functions with fault signaling through
serial interface and external reset pin.
●
Fourteen general purpose I/Os that can be used to drive/read internal/external
analog/logic signals.
●
One
8-bit/9-bit A/D converter (100 kS/s @ 9-bit, 200 kS/s @8-bit). It can be used to
measure most of the internal signals, of the input pins and a voltage proportional to IC
temperature.
–
Current sink DAC:
–
Three output current ranges: up to 0.64/6.4/64 mA.
–
64 (6-bit programmable) available current levels for each range.
–
5 V output tolerant.
●
Two operational amplifiers:
–
3.3 V supply, rail to rail input compatibility, internally compensated.
–
They can have all pins externally accessible or can be internally configured as a
buffer o make internal reference voltages available outside of the chip.
–
Unity gain bandwidth > 1 MHz.
–
They can also be set as comparators with 3.3 V input compatibility and low offset.
●
Two 3.3 V pass switches with 1
Ω R
DSon and short circuit protected.
●
Programmable watchdog function.
●
Thermal shutdown protection with thermal warning capability.
●
Very low power dissipation in “low power mode” (~35 mW)
L6460 is intended to maximize the use of its components, so when an internal circuit is not
used it could be employed for other applications. Bridge 3, for example, can be used as a full
bridge or to implement two switching regulators with synchronous rectification: to obtain this
flexibility L6460 includes 2 separate regulation loops for these regulators; when the bridge is
used as a motor driver, the 2 regulation loops can be redirected on general purpose I/Os to
leave the possibility to assembly a switching regulator by only adding an external FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com