Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 90 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 86Page - STMicroelectronics L6460 Datasheet HTML 87Page - STMicroelectronics L6460 Datasheet HTML 88Page - STMicroelectronics L6460 Datasheet HTML 89Page - STMicroelectronics L6460 Datasheet HTML 90Page - STMicroelectronics L6460 Datasheet HTML 91Page - STMicroelectronics L6460 Datasheet HTML 92Page - STMicroelectronics L6460 Datasheet HTML 93Page - STMicroelectronics L6460 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 139 page
background image
General purpose PWM
L6460
90/139
Doc ID 17713 Rev 1
19
General purpose PWM
L6460 includes three general purpose PWM generators that can be redirected on GPIO
pins (see Chapter 22). Two of these generators (Aux_PWM_1 and Aux_PWM_2) work with
a fixed period FOSC/512 and have a programmable duty cycle; the other one (GP_PWM)
has a programmable base time clock and a programmable time for both high and low levels.
19.1
General purpose PWM generators 1 and 2 (AuxPwm1 and
AuxPwm2)
The Duty cycle of these PWM generators can be changed by writing the AuxPwmXCtrl bits
(where X can be 1 or 2) in the AuxPwm1Ctrl and AuxPwm2Ctrl registers. Their positive duty
cycle will change according to the equation:
According to this equation a programmed “0” value will cause a 0% duty cycle (output
always at logic level 0).
19.2
Programmable PWM generator (GpPwm)
GpPWM has a programmable base clock that can be changed by programming the
GpPwmBase[6:0] bits in the GpPwmBase register. The clock will change according to the
equation:
The high and low level duration (expressed in base clock periods), can be programmed
writing the GpPwmHigh[7:0] and GpPwmLow[7:0] bits in the GpPwmCtrl register so they will
change according to following equations:
The resulting period of the PWM will be:
and the positive duty cycle will result:
A programmed value of 0 in GpPwmHigh[7:0] and GpPwmLow[7:0] bits will force the PWM
generator output to be always at logic level “0”.
PWM_X_DUTY
AuxPwmXCtrl 9:0
[]/512
=
PWM_BASE_PERIOD
GpPwmBase 6:0
[] 1
+
() Tosc
×
=
High_level_Time
GpPwmHigh 7:0
[] PWM_BASE_PERIOD
×
=
Low_level_Time
GpPwmLow 7:0
[] PWM_BASE_PERIOD
×
=
Period
GpPwmHigh 7:0
[] GpPwmLow 7:0
[]
+
() PWM_BASE_PERIOD
+
=
DutyCycle
High_level_Time
High_level_Time
Low_level_Time
+
-----------------------------------------------------------------------------------------------
GpPwmHigh 7:0
[]
GpPwmHigh 7:0
[] GpPwmLow 7:0
[]
+
---------------------------------------------------------------------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com