Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 15Page - STMicroelectronics L6460 Datasheet HTML 16Page - STMicroelectronics L6460 Datasheet HTML 17Page - STMicroelectronics L6460 Datasheet HTML 18Page - STMicroelectronics L6460 Datasheet HTML 19Page - STMicroelectronics L6460 Datasheet HTML 20Page - STMicroelectronics L6460 Datasheet HTML 21Page - STMicroelectronics L6460 Datasheet HTML 22Page - STMicroelectronics L6460 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 139 page
background image
L6460
Electrical specifications
Doc ID 17713 Rev 1
19/139
VIH
nAWAKE high logic level
voltage
1.6
V
VHYS
nAWAKE input hysteresis
0.25
V
IOUT
nAWAKE pin output current
nAWAKE=0V(5)
-0.72
-2
mA
IINP
nAWAKE pin input current
nAWAKE=0.8V(5)
0.2
0.4
mA
tAWAKEFILT
Filter time
1.2
μs
Main linear regulator
Vdrop
Drop out voltage
Vdrop=
Vsupply-VLINmain_OUT
2V
IPD
Internal switch pull down
current
Linear Main Regulator
disabled; VLINmain_OUT=1V
3mA
VLINmain_Ref
Feedback reference voltage
0.776
0.8
0.824
V
ILINmain_Ref
Feedback pin input current
-2
2
µA
IoutLINMax
Maximum output current
VLINmain_OUT= Vsupply-2V
10
mA
Ishort
Output short
circuit current
VLINmain_OUT =0V,
VLINmain_FB =0V
12
24
32
mA
ΔV
out/Vo
Load regulation
0
≤ I
load ≤ IoutLINMax
(6)
0.8
%
ΔV
out/ΔVSupply
Line regulation
Iload =10mA
(6)
0.2
%
Vloop_acc
Loop voltage accuracy
±2.5
%
VLIN_UV_f
Undervoltage falling threshold
(7)
84.5
87
89.5
%
VLIN_UV_r
Undervoltage rising threshold
(7)
90.5
93
95.5
%
VLIN_UV_hys
Undervoltage hysteresis
6
%
tprim_uv
Under voltage deglitch filter
5
µs
Main switching regulator
VFBREF
Main switching regulator
feedback reference voltage
SelFBref = ‘00’
0.776
0.8
0.824
V
SelFBref = ‘01’ (8)
0.97
1
1.03
V
SelFBref = ‘10’
2.425
2.5
2.575
V
SelFBref = ‘11’
2.91
3
3.09
V
IQ
Output leakage current
Tjunction = 125°C
-40
+40
µA
IQ_LP
Output leakage current in
“low power mode”
VSupply = 36V
Tjunction = 125°C
-15
+15
µA
ISWmain_FB
VSWmain_FB pin current
Tjunction = 125°C
-10
+10
µA
VSWmain_OUT
Output voltage range
(9)
0.8
5
V
Iload
Maximum output load current
VSupply = 36V
0.002
3
A
RDSonHS
Internal high side RDSon
Iload=1A
Tjunction = 125°C
0.33
0.95
Ω
Table 5.
Electrical characteristics (continued)
Parameter
Description
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com