Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 16Page - STMicroelectronics L6460 Datasheet HTML 17Page - STMicroelectronics L6460 Datasheet HTML 18Page - STMicroelectronics L6460 Datasheet HTML 19Page - STMicroelectronics L6460 Datasheet HTML 20Page - STMicroelectronics L6460 Datasheet HTML 21Page - STMicroelectronics L6460 Datasheet HTML 22Page - STMicroelectronics L6460 Datasheet HTML 23Page - STMicroelectronics L6460 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 139 page
background image
Electrical specifications
L6460
20/139
Doc ID 17713 Rev 1
Vloop
Loop voltage accuracy
±3%
VSW_UV_f
Under voltage falling threshold (10)
84.5
87
89.5
%
VSW_UV_r
Under voltage rising threshold
(10)
90.5
93
95.5
%
VSW_UV_hys
Under voltage hysteresis
6
%
tprim_uv
Under voltage deglitch filter
5
µs
Ilimit
Current limit protection
SelIlimit =”0”
SelIlimit =”1”
3.3
2.3
5
3.5
A
A
tdeglitch
Current limit deglitch time
50
ns
tI_lim
Current limit response time
Normal operating mode (no
UV)(11)
450
650
ns
tI_limUV
Current limit response time in
UV condition
UV condition (12)
200
400
ns
tr
Switching output rise time
VSupply = 36V,
RLOAD = 422 Ω
(13)
530
ns
tf
Switching output fall time
VSupply = 36V,
RLOAD = 10 Ω
(13)
530
ns
FSW_PWM
Operating frequency
Fosc/6
4
kHz
Switching regulator controller
VGS_ext
Gate to source voltage for
external FET
VPump
V
ISOURCE
Source current
VPump=VSupply+12V
VSWCTR_GATE=0V
25
50
mA
ISINK
Sink current
VSWCTR_GATE = VSupply
20
mA
tSINK
Sink discharge pulse time
600
ns
RSUSTAIN
Gate-source sustain
resistance
(VSWCTR_GATE -
VSWCTR_SRC) = 0.2V
650
Ω
IQ
Output
leakage current
VSupply = 36V,
Tjunction = 125°C
-40
+40
µA
IQ_LP
Output leakage current in
“Low Power Mode”
VSupply = 36V,
Tjunction = 125°C
-5
+5
µA
VFBREF
Switching regulator feedback
controller feedback reference
voltage
SelFBref = ‘00’ (8)
0.776
0.8
0.824
V
SelFBref = ‘01’
0.97
1
1.03
V
SelFBref = ‘10’
2.425
2.5
2.575
V
SelFBref = ‘11’
2.91
3
3.09
V
ISWDRV_FB
VSWDRV_FB pin current
VSupply = 36V,
Tjunction = 125°C
-10
+10
µA
Vloop
Loop voltage accuracy
±3%
Table 5.
Electrical characteristics (continued)
Parameter
Description
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com